データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32602EFBZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL32602EFBZ
部品情報  1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32602EFBZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL32602EFBZ Datasheet HTML 3Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 4Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 5Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 6Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 7Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 8Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 9Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 10Page - Intersil Corporation ISL32602EFBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
7
FN7967.0
June 22, 2012
Driver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 50pF, SW = VCC (Figure 5),
(Notes 11, 12)
Full
-
-
10
µs
Time to Shutdown
tSHDN
(Note 11)
Full
50
-
600
ns
Receiver Input to Output Delay
tPLH, tPHL (Figure 7)
Full
-
750
1300
ns
Receiver Skew | tPLH - tPHL |tSKD
(Figure 7)
Full
-
115
300
ns
Receiver Enable to Output High
tZH
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Note 10)
Full
-
-
50
ns
Receiver Enable to Output Low
tZL
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Note 10)
Full
-
-
50
ns
Receiver Disable from Output High
tHZ
RL = 1kΩ, CL = 15pF, SW = GND (Figure 8)
Full
-
12
50
ns
Receiver Disable from Output Low
tLZ
RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8)
Full
-
13
50
ns
Receiver Enable from Shutdown to
Output High
tZH(SHDN) RL = 1kΩ, CL = 15pF, SW = GND (Figure 8),
(Notes 11, 13)
Full
-
-
12
µs
Receiver Enable from Shutdown to
Output Low
tZL(SHDN) RL = 1kΩ, CL = 15pF, SW = VCC (Figure 8),
(Notes 11, 13)
Full
-
-
12
µs
NOTES:
6. All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless otherwise
specified.
7. Supply current specification is valid for loaded drivers when DE = 0V.
8. Applies to peak current. See “Typical Performance Curves” starting on page 14 for more information.
9. When testing this parameter, keep RE = 0 to prevent the device from entering SHDN.
10. When testing this parameter, the RE signal high time must be short enough (typically <100ns) to prevent the device from entering SHDN.
11. Devices are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns, the parts are guaranteed not to enter
shutdown. If the inputs are in this state for at least 600ns (1200ns if VCC=1.8V), the parts are guaranteed to have entered shutdown. See “Low Power
Shutdown Mode” on page 13.
12. Keep RE = VCC, and set the DE signal low time >600ns (1200ns if VCC=1.8V) to ensure that the device enters SHDN.
13. Set the RE signal high time >600ns (1200ns if VCC=1.8V) to ensure that the device enters SHDN.
14. If the Tx or Rx enable function isn’t needed, connect the enable pin to the appropriate supply (see “Pin Descriptions” on page 3).
15. Compliance to data sheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications ISL32602E, ISL32603E: Test Conditions: VCC = 1.8V to 3.6V; Typicals are at VCC = 1.8V,
TA = +25°C; Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Note 6)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
VOD
RL = 100Ω (RS-422)
(Figure 3A)
VCC = 1.8V
Full
0.8
0.9
-
V
VCC ≥ 3.15V
Full
1.95
2.25
-
V
No Load, VCC = 1.8V
Full
1.1
1.4
VCC
RL = 54Ω (RS-485) (Figure 3A, VCC ≥ 3V)
Full
1.5
1.95
-
V
RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 3B,
VCC ≥ 3V)
Full
1.3
-
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
RL = 100Ω (Figure 3A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 100Ω (Figure 3A)
Full
-
-
3
V
Electrical Specifications ISL32600E, ISL32601E: Test Conditions: VCC = 2.7V to 3.6V; Typicals are at VCC = 3V, TA = +25°C;
Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Note 6) (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS


同様の部品番号 - ISL32602EFBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32602EFBZ INTERSIL-ISL32602EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32602EFBZ RENESAS-ISL32602EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

同様の説明 - ISL32602EFBZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32601EFBZ INTERSIL-ISL32601EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com