データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL32602EFUZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL32602EFUZ
部品情報  1.8V to 3.3V, Micro-Power, ±15kV ESD, 125°C, Slew Rate Limited, RS-485/RS-422 Transceivers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32602EFUZ データシート(HTML) 5 Page - Intersil Corporation

  ISL32602EFUZ Datasheet HTML 1Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 2Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 3Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 4Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 5Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 6Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 7Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 8Page - Intersil Corporation ISL32602EFUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
ISL32600E, ISL32601E, ISL32602E, ISL32603E
5
FN7967.0
June 22, 2012
Absolute Maximum Ratings
Thermal Information
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Input Voltages
DI, DE, RE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
Input/Output Voltages
A, B, . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -8V to +13V
A/Y, B/Z, Y, Z (VCC = 0V or ≥ 3V) . . . . . . . . . . . . . . . . . . . . . . . -8V to +13V
A/Y, B/Z, Y, Z (1.8V ≤ VCC < 3V) . . . . . . . . . . . . . . . . . . . . . . . -8V to +11V
RO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VCC +0.3V)
Short Circuit Duration
Y, Z. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Indeterminate
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Latch-up (per JESD78, Level 2, Class A) . . . . . . . . . . . . . . . . . . . . . . +125°C
Recommended Operating Conditions
Supply Voltage Range
ISL32600E, ISL32601E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 3.3V
ISL32602E, ISL32603E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.8V to 3.3V
Differential Load Resistance
ISL32600E, ISL32601E . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60Ω or 120Ω
ISL32602E, ISL32603E . . . . . . . . . . . . . . . ≥10kΩ @ 1.8V; 120Ω @ 3.3V
Thermal Resistance (Typical, Notes 4, 5)
θJA (°C/W)
θJC (°C/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . .
105
47
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . .
140
40
10 Ld MSOP Package . . . . . . . . . . . . . . . . . .
160
59
14 Ld SOIC Package . . . . . . . . . . . . . . . . . . .
128
39
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions (continued)
Common Mode Range
ISL32600E, ISL32601E . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to +12V
ISL32602E, ISL32603E
VCC = 1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2V to +2V
VCC = 3.3V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -7V to +12V
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5. For
θJC, the “case temp” location is taken at the package top center.
Electrical Specifications ISL32600E, ISL32601E: Test Conditions: VCC = 2.7V to 3.6V; Typicals are at VCC = 3V, TA = +25°C;
Unless Otherwise Specified. Boldface limits apply over the operating temperature range. (Note 6)
PARAMETER
SYMBOL
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 15)
TYP
MAX
(Note 15) UNITS
DC CHARACTERISTICS
Driver Differential VOUT
VOD
RL = 100Ω (RS-422) (Figure 3A, VCC ≥ 3.15V)
Full
1.95
2.1
-
V
RL = 54Ω (RS-485)
(Figure 3A)
VCC = 2.7V
Full
1.2
1.5
VCC
V
VCC ≥ 3V
Full
1.4
1.7
VCC
V
No Load
Full
-
-
VCC
V
RL = 60Ω, -7V ≤ VCM ≤ 12V (Figure 3B,
VCC ≥ 3V)
Full
1.3
-
-
V
Change in Magnitude of Driver
Differential VOUT for
Complementary Output States
ΔVOD
RL = 54Ω or 100Ω (Figure 3A)
Full
-
0.01
0.2
V
Driver Common-Mode VOUT
VOC
RL = 54Ω or 100Ω (Figure 3A)
Full
-
-
3
V
Change in Magnitude of Driver
Common-Mode VOUT for
Complementary Output States
ΔVOC
RL = 54Ω or 100Ω (Figure 3A)
Full
-
0.01
0.2
V
Output Leakage Current (Y, Z) (Full
Duplex Versions Only)
IOZD
DE = 0V, VCC = 0V
(-7V ≤ VIN ≤ 12V) or
2.7V ≤ VCC ≤ 3.6V
VIN = 12V (VCC ≥ 3V)
Full
-
3
60
µA
VIN = 10V (VCC = 2.7V)
Full
-
3
60
µA
VIN = -7V
Full
-30
-10
-
µA
Driver Short-Circuit Current,
VO = High or Low
IOSD
DE = VCC, -7V ≤ VY or VZ ≤ 12V (Note 8)
Full
-
-
±250
mA
Logic Input High Voltage
VIH
DI, DE, RE
Full
2
-
-
V
Logic Input Low Voltage
VIL
DI, DE, RE
Full
-
-
0.7
V
Logic Input Current
IIN1
DI = DE = RE = 0V or VCC (Note 14)
Full
-1
-
1
µA


同様の部品番号 - ISL32602EFUZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL32602EFUZ INTERSIL-ISL32602EFUZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32602EFUZ RENESAS-ISL32602EFUZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
More results

同様の説明 - ISL32602EFUZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL32600E RENESAS-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125 째C, Slew Rate Limited RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL32601EFBZ INTERSIL-ISL32601EFBZ Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
ISL32600E INTERSIL-ISL32600E Datasheet
1Mb / 23P
   1.8V to 3.3V, Micro-Power, 짹15kV ESD, 125째C, Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX489ECSD-T MAXIM-MAX489ECSD-T Datasheet
686Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
171Kb / 11P
   3.3V Low Power Slew Rate Limited RS-485/RS-422 Transceivers
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com