データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL33002MSOPEVAL1Z データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL33002MSOPEVAL1Z
部品情報  I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL33002MSOPEVAL1Z データシート(HTML) 2 Page - Intersil Corporation

  ISL33002MSOPEVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL33002MSOPEVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ISL33001, ISL33002, ISL33003
2
FN7560.6
July 11, 2014
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL33001IRTZ
3001
-40 to +85
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
ISL33001IRT2Z
01R2
-40 to +85
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
ISL33001IBZ
33001 IBZ
-40 to +85
8 Ld SOIC
M8.15
ISL33001IUZ
33001
-40 to +85
8 Ld MSOP
M8.118
ISL33002IRTZ
3002
-40 to +85
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
ISL33002IRT2Z
02R2
-40 to +85
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
ISL33002IUZ
33002
-40 to +85
8 Ld MSOP
M8.118
ISL33003IRTZ
3003
-40 to +85
8 Ld TDFN (0.65mm Pitch)
L8.3x3A
ISL33003IRT2Z
03R2
-40 to +85
8 Ld TDFN (0.5mm Pitch)
L8.3x3H
ISL33003IUZ
33003
-40 to +85
8 Ld MSOP
M8.118
ISL33001MSOPEVAL1Z
ISL33001 Evaluation Board
ISL33002MSOPEVAL1Z
ISL33002 Evaluation Board
ISL33003MSOPEVAL1Z
ISL33003 Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL33001, ISL33002, ISL33003. For more information on MSL please
see techbrief TB363.
Pin Configurations
ISL33001
(8 LD TDFN)
TOP VIEW
ISL33001
(8 LD SOIC, MSOP)
TOP VIEW
ISL33002
(8 LD TDFN)
TOP VIEW
ISL33002
(8 LD MSOP)
TOP VIEW
3
2
1
SCL_IN
GND 4
6
7
8
5
EN
VCC1
READY
SCL_OUT
SDA_IN
SDA_OUT
PAD
6
7
8
5
3
2
1
4
GND
VCC1
EN
READY
SDA_IN
SDA_OUT
SCL_IN
SCL_OUT
3
2
1
GND 4
6
7
8
5
VCC1
ACC
PAD
VCC2
SCL_IN
SCL_OUT
SDA_IN
SDA_OUT
6
7
8
5
3
2
1
4
VCC2
GND
VCC1
ACC
SDA_IN
SDA_OUT
SCL_IN
SCL_OUT


同様の部品番号 - ISL33002MSOPEVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL33002MSOPEVAL1Z INTERSIL-ISL33002MSOPEVAL1Z Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Renesas Technology Corp
ISL33002MSOPEVAL1Z RENESAS-ISL33002MSOPEVAL1Z Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
More results

同様の説明 - ISL33002MSOPEVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL33001 RENESAS-ISL33001 Datasheet
1Mb / 18P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Intersil Corporation
ISL33001 INTERSIL-ISL33001 Datasheet
619Kb / 19P
   I2C Bus Buffer with Rise Time Accelerators and Hot Swap Capability
logo
Texas Instruments
TCA9416 TI-TCA9416_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
REVISED AUGUST 2021
TCA9416 TI-TCA9416_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TCA9416 Ultra-Low-Voltage I2C Translator with Rise Time Accelerators
logo
NXP Semiconductors
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9513A NXP-PCA9513A Datasheet
172Kb / 26P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com