データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL41387IRZ データシート(PDF) 11 Page - Intersil Corporation

部品番号 ISL41387IRZ
部品情報  ±15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41387IRZ データシート(HTML) 11 Page - Intersil Corporation

Back Button ISL41387IRZ Datasheet HTML 7Page - Intersil Corporation ISL41387IRZ Datasheet HTML 8Page - Intersil Corporation ISL41387IRZ Datasheet HTML 9Page - Intersil Corporation ISL41387IRZ Datasheet HTML 10Page - Intersil Corporation ISL41387IRZ Datasheet HTML 11Page - Intersil Corporation ISL41387IRZ Datasheet HTML 12Page - Intersil Corporation ISL41387IRZ Datasheet HTML 13Page - Intersil Corporation ISL41387IRZ Datasheet HTML 14Page - Intersil Corporation ISL41387IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
ISL81387, ISL41387
11
FN6201.4
June 9, 2014
Submit Document Feedback
Test Circuits and Waveforms
FIGURE 1. RS-485 DRIVER VOD AND VOC TEST CIRCUIT
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RS-485 DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RS-485 DRIVER ENABLE AND DISABLE TIMES
D
DEN
DY
VCC
VOD
VOC
R
R
Y
Z
RD
VCM
+
-
D
DEN
DY
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Y
Z
CL = 100pF
OUT (Z)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Y)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Z - Y)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DY
SKEW = |tPLH (Y OR Z) - tPHL (Z OR Y)|
0V
0V
tDHL
tDLH
D
DEN
DY
CL
500
Y
Z
VCC
GND
SW
SIGNAL
GENERATOR
FOR SHDN TESTS, SWITCH ON AND DEN L- H SIMULTANEOUSLY
PARAMETER
OUTPUT
RXEN
DY
SW
CL (pF)
tHZ
Y/Z
X
0/1
GND
15
tLZ
Y/Z
X
1/0
VCC
15
tZH
Y/Z
X
0/1
GND
100
tZL
Y/Z
X
1/0
VCC
100
tZH(SHDN)
Y/Z
0
0/1
GND
100
tZL(SHDN)
Y/Z
0
1/0
VCC
100
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DEN
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
ENABLED


同様の部品番号 - ISL41387IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL41387IRZ INTERSIL-ISL41387IRZ Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Renesas Technology Corp
ISL41387IRZ RENESAS-ISL41387IRZ Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL41387IRZ-T INTERSIL-ISL41387IRZ-T Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
More results

同様の説明 - ISL41387IRZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL81334IAZ INTERSIL-ISL81334IAZ Datasheet
1,008Kb / 28P
   ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
November 21, 2007
ISL3330IAZ INTERSIL-ISL3330IAZ Datasheet
947Kb / 25P
   3.3V, ±15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
May 20, 2008
logo
Renesas Technology Corp
ISL81387 RENESAS-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387_07 Datasheet
998Kb / 27P
   짹15kV ESD Protected, 5V, Dual Protocol (RS-232/RS-485) Transceivers
ISL3332IAZ INTERSIL-ISL3332IAZ Datasheet
948Kb / 26P
   3.3V, ±15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
May 27, 2008
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
Renesas Technology Corp
ISL33354E RENESAS-ISL33354E Datasheet
1Mb / 23P
   5V, 짹15kV ESD Protected, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com