データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA321 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA321
部品情報  350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA321 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA321_15 Datasheet HTML 7Page - Texas Instruments TPA321_15 Datasheet HTML 8Page - Texas Instruments TPA321_15 Datasheet HTML 9Page - Texas Instruments TPA321_15 Datasheet HTML 10Page - Texas Instruments TPA321_15 Datasheet HTML 11Page - Texas Instruments TPA321_15 Datasheet HTML 12Page - Texas Instruments TPA321_15 Datasheet HTML 13Page - Texas Instruments TPA321_15 Datasheet HTML 14Page - Texas Instruments TPA321_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
−0.5
−1
−1.5
−2
f − Frequency − Hz
−0.25
−0.75
−1.25
−1.75
0
0.5
0.25
0.75
130
120
140
150
160
VDD = 5 V
RL = 8 Ω
PO = 0.35 W
CI =1 µF
1
170
180
Gain
Phase
101
102
103
104
105
106
f − Frequency − Hz
20
1 k
10 k
10
1
100
20 k
100
VO BTL
VDD = 3.3 V
BW = 22 Hz to 22 kHz
RL = 32 Ω
CB =0.1 µF
AV = −1 V/V
VO+
f − Frequency − Hz
20
1 k
10 k
10
1
100
20 k
100
VDD = 5 V
BW = 22 Hz to 22 kHz
RL = 32 Ω
CB =0.1 µF
AV = −1 V/V
VO BTL
VO+
TPA321
SLOS312C – JUNE 2000 – REVISED JUNE 2004
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 18.
OUTPUT NOISE VOLTAGE
OUTPUT NOISE VOLTAGE
vs
vs
FREQUENCY
FREQUENCY
Figure 19.
Figure 20.
11


同様の部品番号 - TPA321_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA321D TI-TPA321D Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321D TI-TPA321D Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DG4 TI-TPA321DG4 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321DGN TI-TPA321DGN Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results

同様の説明 - TPA321_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA741 TI-TPA741_07 Datasheet
695Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA731 TI-TPA731_07 Datasheet
724Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA741 TI-TPA741_15 Datasheet
994Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com