データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA711 データシート(PDF) 6 Page - Texas Instruments

部品番号 TPA711
部品情報  700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA711 データシート(HTML) 6 Page - Texas Instruments

Back Button TPA711_15 Datasheet HTML 2Page - Texas Instruments TPA711_15 Datasheet HTML 3Page - Texas Instruments TPA711_15 Datasheet HTML 4Page - Texas Instruments TPA711_15 Datasheet HTML 5Page - Texas Instruments TPA711_15 Datasheet HTML 6Page - Texas Instruments TPA711_15 Datasheet HTML 7Page - Texas Instruments TPA711_15 Datasheet HTML 8Page - Texas Instruments TPA711_15 Datasheet HTML 9Page - Texas Instruments TPA711_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
TPA711
700mW MONO LOW VOLTAGE AUDIO POWER AMPLIFIER
SLOS230D − NOVEMBER 1998 − REVISED OCTOBER 2002
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Supply ripple rejection ratio
vs Frequency
3, 4, 5
IDD
Supply current
vs Supply voltage
6, 7
PO
Output power
vs Supply voltage
8, 9
PO
Output power
vs Load resistance
10, 11
THD + N
Total harmonic distortion plus noise
vs Frequency
12, 13, 16, 17, 20, 21,
24, 25, 28, 29, 32, 33
THD + N
Total harmonic distortion plus noise
vs Output power
14, 15, 18, 19, 22, 23,
26, 27, 30, 31, 34, 35
Open loop gain and phase
vs Frequency
36, 37
Closed loop gain and phase
vs Frequency
38, 39, 40, 41
Vn
Output noise voltage
vs Frequency
42, 43
PD
Power dissipation
vs Output power
44, 45, 46, 47
Figure 3
−50
−60
−80
−100
20
100
1k
−30
−20
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
0
10k
20k
−10
−40
−70
−90
BYPASS = 1/2 VDD
CB = 0.1 µF
VDD = 3.3 V
RL = 8 Ω
SE
CB = 1 µF
Figure 4
−50
−60
−80
−100
20
100
1k
−30
−20
f − Frequency − Hz
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
0
10k
20k
−10
−40
−70
−90
BYPASS = 1/2 VDD
CB = 0.1 µF
VDD = 5 V
RL = 8 Ω
SE
CB = 1 µF


同様の部品番号 - TPA711_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA711D TI-TPA711D Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711D TI-TPA711D Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DG4 TI-TPA711DG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA711_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA741 TI-TPA741 Datasheet
337Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com