データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA2001D1 データシート(PDF) 11 Page - Texas Instruments

部品番号 TPA2001D1
部品情報  1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D1 データシート(HTML) 11 Page - Texas Instruments

Back Button TPA2001D1_15 Datasheet HTML 7Page - Texas Instruments TPA2001D1_15 Datasheet HTML 8Page - Texas Instruments TPA2001D1_15 Datasheet HTML 9Page - Texas Instruments TPA2001D1_15 Datasheet HTML 10Page - Texas Instruments TPA2001D1_15 Datasheet HTML 11Page - Texas Instruments TPA2001D1_15 Datasheet HTML 12Page - Texas Instruments TPA2001D1_15 Datasheet HTML 13Page - Texas Instruments TPA2001D1_15 Datasheet HTML 14Page - Texas Instruments TPA2001D1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TPA2001D1
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
SLOS338D – SEPTEMBER 2000 – REVISED DECEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. TPA2001D1 Evaluation Bill of Materials
REFERENCE
DESCRIPTION
SIZE
QUANTITY
MANUFACTURER
PART NUMBER
C1
Capacitor, ceramic, 220 pF,
±10%, XICON, 50 V
0805
1
Mouser
140-CC501B221K
C2 – C7
Capacitor, ceramic, 1
µF, +80%/–20%, Y5V, 16 V
0805
6
Murata
GRM40-Y5V105Z16
C8
Capacitor, ceramic, 10
µF, +80%/–20%, Y5V, 16 V
1210
1
Murata
GRM235-Y5V106Z16
R1, R2†,
R3†, R4†
Resistor, chip, 120 k
Ω, 1/10 W, 5%, XICON
0805
4
Mouser
260–120K
U1
IC, TPA2001D1, audio power amplifier, 1-W, single
channel, class-D
24 pin
TSSOP
1
TI
TPA2001D1PW
† These components are used in the EVM, but they are not required for normal applications.


同様の部品番号 - TPA2001D1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2001D1PW TI-TPA2001D1PW Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PW TI-TPA2001D1PW Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PWG4 TI-TPA2001D1PWG4 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PWR TI-TPA2001D1PWR Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1PWRG4 TI-TPA2001D1PWRG4 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

同様の説明 - TPA2001D1_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com