データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3004D2 データシート(PDF) 4 Page - Texas Instruments

部品番号 TPA3004D2
部品情報  12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPA3004D2 データシート(HTML) 4 Page - Texas Instruments

  TPA3004D2_15 Datasheet HTML 1Page - Texas Instruments TPA3004D2_15 Datasheet HTML 2Page - Texas Instruments TPA3004D2_15 Datasheet HTML 3Page - Texas Instruments TPA3004D2_15 Datasheet HTML 4Page - Texas Instruments TPA3004D2_15 Datasheet HTML 5Page - Texas Instruments TPA3004D2_15 Datasheet HTML 6Page - Texas Instruments TPA3004D2_15 Datasheet HTML 7Page - Texas Instruments TPA3004D2_15 Datasheet HTML 8Page - Texas Instruments TPA3004D2_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
TPA3004D2
SLOS407E – FEBRUARY 2003 – REVISED JANUARY 2011
www.ti.com
Pin Functions
Pin
I/O
DESCRIPTION
NO.
NAME
AGND
26
-
Analog ground for digital/analog cells in core
AVCC
33
-
High-voltage analog power supply (8.5 V to 18 V)
AVDD
29
O
5-V Regulated output capable of 100-mA output
AVDDREF
7
O
5-V Reference output—provided for connection to adjacent VREF terminal.
BSLN
13
I/O
Bootstrap I/O for left channel, negative high-side FET
BSLP
24
I/O
Bootstrap I/O for left channel, positive high-side FET
BSRN
48
I/O
Bootstrap I/O for right channel, negative high-side FET
BSRP
37
I/O
Bootstrap I/O for right channel, positive high-side FET
COSC
28
I/O
I/O for charge/discharging currents onto capacitor for ramp generator triangle wave biased at
V2P5
FADE
30
I
Input for controlling volume ramp rate. A logic low on this pin places the amplifier in fade mode.
A logic high on this pin allows a quick transition to the desired volume setting when cycling SD
or during power-up.
LINN
6
I
Negative differential audio input for left channel
LINP
5
I
Positive differential audio input for left channel
LOUTN
16, 17
O
Class-D ½-H-bridge negative output for left channel
LOUTP
20, 21
O
Class-D ½-H-bridge positive output for left channel
MODE
34
I
Input for MODE control. A logic high on this pin places the amplifier in the variable output mode
and the Class-D outputs are disabled. A logic low on this pin places the amplifier in the Class-D
mode and Class-D stereo outputs are enabled. Variable outputs (VAROUTL and VAROUTR)
are still enabled in Class-D mode to be used as line-level outputs for external amplifiers.
MODE_OUT
35
O
Output for control of the variable output amplifiers. When the MODE pin (34) is a logic high, the
MODE_OUT pin is driven low. When the MODE pin (34) is a logic low, the MODE_OUT pin is
driven high. This pin is intended for MUTE control of an external headphone amplifier. Leave
unconnected when not used for headphone amplifier control.
PGNDL
18, 19
-
Power ground for left channel H-bridge
PGNDR
42, 43
-
Power ground for right channel H-bridge
PVCCL
14, 15
Power supply for left channel H-bridge (tied to pins 22 and 23 internally), not connected to
PVCCR or AVCC.
PVCCL
22, 23
Power supply for left channel H-bridge (tied to pins 14 and 15 internally), not connected to
PVCCR or AVCC.
PVCCR
38,39
Power supply for right channel H-bridge (tied to pins 46 and 47 internally), not connected to
PVCCL or AVCC.
PVCCR
46, 47
Power supply for right channel H-bridge (tied to pins 38 and 39 internally), not connected to
PVCCL or AVCC.
REFGND
12
-
Ground for gain control circuitry. Connect to AGND. If using a DAC to control the volume,
connect the DAC ground to this terminal.
RINP
3
I
Positive differential audio input for right channel
RINN
2
I
Negative differential audio input for right channel
ROSC
27
I/O
Current setting resistor for ramp generator. Nominally equal to 1/8*VCC
ROUTN
44, 45
O
Class-D ½-H-bridge negative output for right channel
ROUTP
40, 41
O
Class-D ½-H-bridge positive output for right channel
SD
1
I
Shutdown signal for IC (low = shutdown, high = operational). TTL logic levels with compliance
to VCC.
VARDIFF
9
I
DC voltage to set the difference in gain between the Class-D and VAROUT outputs. Connect to
GND or AVDDREF if VAROUT outputs are unconnected.
VARMAX
10
I
DC voltage that sets the maximum gain for the VAROUT outputs. Connect to GND or AVDDREF
if VAROUT outputs are unconnected.
VAROUTL
31
O
Variable output for left channel audio. Line level output for driving external HP amplifier.
VAROUTR
32
O
Variable output for right channel audio. Line level output for driving external HP amplifier.
VCLAMPL
25
-
Internally generated voltage supply for left channel bootstrap capacitors.
VCLAMPR
36
-
Internally generated voltage supply for right channel bootstrap capacitors.
4
Submit Documentation Feedback
Copyright © 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TPA3004D2


同様の部品番号 - TPA3004D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHP TI-TPA3004D2PHP Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPG4 TI-TPA3004D2PHPG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPR TI-TPA3004D2PHPR Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2PHPRG4 TI-TPA3004D2PHPRG4 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

同様の説明 - TPA3004D2_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com