データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1301260242 データシート(PDF) 1 Page - Molex Electronics Ltd.

部品番号 1301260242
部品情報  Super-Safeway Twelve Push Button Pendant Enclosure, 22.00mm (.866) Opening
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301260242 データシート(HTML) 1 Page - Molex Electronics Ltd.

  1301260242 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301260242
Status:
Active
Overview:
Push-Button Pendant Products
Description:
Super-Safeway™ Twelve Push Button Pendant Enclosure, 22.00mm (.866") Opening
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32400
General
Product Family
Push Buttons / Testers
Series
130126
Enclosure Rating
N/A
Overview
Push-Button Pendant Products
Product Literature Order No
987650-8071
Product Name
Super-Safeway™
Type
PushButton Pendant Enclosure
UPC
78678804212
Woodhead
Yes
Physical
Cord Diameter
15.88-25.40mm (.625-1.000")
Cord Grip Body Size
F4 1"
Emergency Stop
No
Material - Body
Rubber
Material - Cord Grip Nut
Metal
Number of Buttons
12
Packaging Type
Carton
Electrical
Voltage - Maximum
N/A
Material Info
Old Part Number
4212
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130126 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - 1301260242

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301260242 MOLEX1-1301260242_17 Datasheet
36Kb / 1P
   Super-Safeway Twelve Push Button Pendant Enclosure, 22.00mm
More results

同様の説明 - 1301260242

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
1301260240 MOLEX11-1301260240 Datasheet
36Kb / 1P
   Super-Safeway Nine Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301260235 MOLEX11-1301260235 Datasheet
47Kb / 1P
   Super-Safeway Two Push Button Pendant Enclosure, 22.00mm (.866) Opening
130126-0235 MOLEX11-130126-0235 Datasheet
51Kb / 1P
   Super-Safeway Two Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301260236 MOLEX11-1301260236 Datasheet
36Kb / 1P
   Super-Safeway Three Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301480073 MOLEX11-1301480073 Datasheet
32Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 22.00mm (866) Opening
130126-0236 MOLEX11-130126-0236 Datasheet
51Kb / 1P
   Super-Safeway Three Push Button Pendant Enclosure, 22.00mm (.866") Opening
1301480073 MOLEX1-1301480073_17 Datasheet
32Kb / 1P
   Super-Safeway Five Push Button Pendant Enclosure, 22.00mm (866) Opening
1301260237 MOLEX11-1301260237 Datasheet
36Kb / 1P
   Super-Safeway Six Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301260241 MOLEX11-1301260241 Datasheet
32Kb / 1P
   Super-Safeway Ten Push Button Pendant Enclosure, 22.00mm (.866) Opening
1301260238 MOLEX11-1301260238 Datasheet
36Kb / 1P
   Super-Safeway Seven Push Button Pendant Enclosure, 22.00mm (.866) Opening
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com