データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29009IROZ-T7 データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL29009IROZ-T7
部品情報  Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29009IROZ-T7 データシート(HTML) 2 Page - Intersil Corporation

  ISL29009IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29009IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
FN6484.0
July 1, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VDD and GND . . . . . . . . . . . . . . . . . . 3.6V
Pin Voltage (IOUT and EN) . . . . . . . . . . . . . . . . . . . . . -0.2V to VDD
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . . 6mA
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Thermal Resistance
θJA (°C/W)
6 Ld ODFN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/data/tb/TB477.pdf
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VDD = 3V, TA = +25°C, EN = 0, RL = 100kΩ at IOUT pin, green LED light, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
E
Range of Input Light Intensity
0.3 to 10k
lux
VDD
Power Supply Range
1.8
3.3
V
IDD
Supply Current
E = 1000 lux
9
14
µA
E = 100 lux
3
µA
E = 0 lux
0.25
µA
ISD
Supply Current when Shut Down
EN = VDD
250
350
nA
IOUT1
Light-to-Current Accuracy
E = 100 lux
1.8
µA
IOUT2
Light-to-Current Accuracy
E = 1000 lux
4.6
5.7
6.8
µA
IDARK
Dark Current Output in the Absence of Light
E = 0 lux, RL = 10MΩ
25
nA
ΔIOUT
Output Current Variation Over Three Light Sources:
Fluorescent, Incandescent and Halogen
10
%
VO-MAX
IOUT Max Output Compliance Voltage at 95% of
Nominal Output
E = 1000 lux
VDD - 0.2
V
tR
IOUT Rise Time (Note 1)
RL = 100kΩ, E = 300 lux
from 0 Lux
70
µs
RL = 100kΩ, E = 1000 lux
from 0 Lux
20
µs
tF
IOUT Fall Time (Note 1)
RL = 100kΩ, E = 300 lux to
0 Lux
2410
µs
RL = 100kΩ, E = 1000 lux to
0 Lux
1290
µs
tD
IOUT Delay Time for Rising Edge (Note 1)
RL = 100kΩ, E = 300 lux
from 0 Lux
600
µs
RL = 100kΩ, E = 1000 lux
from 0 Lux
280
µs
tS
IOUT Delay Time for Falling Edge (Note 1)
RL = 100kΩ, E = 300 lux to
0 Lux
75
µs
RL = 100kΩ, E = 1000 lux to
0 Lux
5µs
VLO
Maximum Voltage at EN pin to Enable
0.5
V
VHI
Minimum Voltage at EN pin to Disable
VDD - 0.5
V
ILO
Input Current at EN pin
V EN = 0V
1
nA
IHI
Input Current at EN pin
V EN = 3V
1
nA
ISL29009


同様の部品番号 - ISL29009IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29009IROZ-T7 RENESAS-ISL29009IROZ-T7 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
More results

同様の説明 - ISL29009IROZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com