データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29006IROZ-EVALZ データシート(PDF) 2 Page - Intersil Corporation

部品番号 ISL29006IROZ-EVALZ
部品情報  Small, Low Power, Current-Output Ambient Light Photo Detect IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29006IROZ-EVALZ データシート(HTML) 2 Page - Intersil Corporation

  ISL29006IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29006IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6282.2
October 8, 2015
Pinouts
ISL29006
(6 LD ODFN)
TOP VIEW
ISL29007
(6 LD ODFN)
TOP VIEW
ISL29008
(6 LD ODFN)
TOP VIEW
1
2
3
6
5
4
VDD
GND
NC
ISRC
NC
EN
THERMAL
PAD*
1
2
3
6
5
4
VDD
GND
NC
EN
NC
ISNK
THERMAL
PAD*
NO L
ONG
ER A
VAIL
ABLE
OR S
UPP
ORT
ED
1
2
3
6
5
4
VDD
GND
NC
ISRC
NC
ISNK
THERMAL
PAD*
NO L
ONG
ER A
VAIL
ABLE
OR S
UPP
ORT
ED
Pin Descriptions
ISL29006
PIN NUMBER
ISL29007
PIN NUMBER
ISL29008
PIN NUMBER
NAME
DESCRIPTION
1
1
1
VDD
Supply, 1.8V to 3.6V
2
2
2
GND
Ground
3, 5
3, 5
3, 5
NC
No connect
46
EN
Active LOW enable
6
6
ISRC
Current source out
4
4
ISNK
Current sink out
Simplified Block Diagrams
ISL29006
ISL29007
ISL29008
VDD
ISRC
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
4
GND
EN
6
CURRENT
AMPLIFIER
VDD
ISNK
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
GND
4
CURRENT
AMPLIFIER
6
EN
VDD
ISRC
1
2
LIGHT DATA
PROCESS
OUTPUT CURRENT
 LIGHT INTENSITY
PHOTODIODE
ARRAY
GND
6
CURRENT
AMPLIFIER
4 ISNK
ISL29006, ISL29007, ISL29008


同様の部品番号 - ISL29006IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29006IROZ-EVALZ INTERSIL-ISL29006IROZ-EVALZ Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29006IROZ-EVALZ RENESAS-ISL29006IROZ-EVALZ Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
More results

同様の説明 - ISL29006IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
576Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
November 5, 2012
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com