データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29011IROZ-EVALZ データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL29011IROZ-EVALZ
部品情報  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011IROZ-EVALZ データシート(HTML) 1 Page - Intersil Corporation

  ISL29011IROZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29011IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
Digital Ambient Light Sensor and Proximity Sensor with
Interrupt Function
ISL29018
The ISL29018 is an integrated ambient and infrared light to
digital converter with a built-in IR LED driver and I2C Interface
(SMBus Compatible). This device provides not only ambient light
sensing to allow robust backlight/display brightness control but
also infrared sensing to allow proximity estimation featured with
interrupt function.
For ambient light sensing, an internal ADC has been designed
based on the charge-balancing A/D conversion technique. The
ADC conversion time is nominally 90ms and is user adjustable
from 11µs to 90ms, depending on oscillator frequency and ADC
resolution. This ADC is capable of rejecting 50Hz and 60Hz flicker
noise caused by artificial light sources. The lux-range-select
feature allows users to program the lux range for optimized
counts/lux.
For proximity sensing, the ADC is used to digitize the output signal
from the photodiode array when the internal IR LED driver is
turned on and off for the programmed time periods under user-
selected modulation frequency to drive the external IR LED. As
this proximity sensor employs a noise cancellation scheme to
highly reject unwanted IR noise, the digital output of proximity
sensing decreases with distance. The driver output current is user
selectable up to 100mA to drive different types of IR emitters
LEDs.
Six different modes of operation can be selected via the I2C
interface: Programmable ALS once with auto power-down,
programmable IR sensing once, programmable proximity sensing
once, programmable continuous ALS sensing, programmable
continuous IR sensing and programmable continuous proximity
sensing. The programmable one-time operation modes greatly
reduce power because an immediate automatic shutdown
reduces overall supply current less than 0.5µA.
The ISL29018 supports both hardware and software interrupts
that remain asserted until the host clears it through I2C interface
for ambient light sensing and proximity detection.
Designed to operate on supplies from 2.25V to 3.63V, the
ISL29018 is specified for operation over the -40°C to +85°C
ambient temperature range. It is packaged in a clear, Pb-free 8 Ld
ODFN package.
Applications
• Display and Keypad Dimming Adjustment and Proximity
Sensing for:
- Mobile Devices: Smart Phone, PDA, GPS
- Computing Devices: Notebook PC, Webpad
- Consumer Devices: LCD-TV, Digital Picture Frame, Digital
Camera
• Industrial and Medical Light and Proximity Sensing
Features
Proximity Sensing
• Ambient IR Cancellation During Proximity Sensing
- Works Under Direct Sunlight
• IR LED Driver with Programmable Source Current
- Adjustable Current Drive from 100mA to 12.5mA
• Programmable LED current Modulation Frequency
• Variable Conversion Resolution
Ambient Light Sensing
• Simple Output Code Directly Proportional to lux
• Adjustable Sensitivity up to 65 Counts per lux
• Selectable Range (via I2C)
- Range 1 = 0.015 lux to 1,000 lux
- Range 2 = 0.06 lux to 4,000 lux
- Range 3 = 0.24 lux to 16,000 lux
- Range 4 = 0.96 lux to 64,000 lux
• Integrated 50/60Hz Noise Rejection
• Works Under Various Light Sources, Including Sunlight
Ideal Spectral Response for Light and Proximity Sensor
• Light Sensor Close to Human Eye Response
- Excellent Light Sensor IR and UV Rejection
• Proximity sensor range from 850nm to 950nm
- Can use either 850nm or 950nm LED solution
Ultra Low Power
•90μA Max Operating Current
• Software Shutdown and Automatic Shutdown
-0.5μA Max Shutdown Current
Easy to Use
•I2C (SMBus Compatible) Output
• No Complex Algorithms Needed
• Temperature Compensated
•Small Form Factor
- 8 Ld 2.0mmx2.1mmx0.7mm ODFN Package
Additional Features
•I2C and SMBus Compatible
• 1.7V to 3.63V Supply for I2C Interface
• 2.25V to 3.63V Sensor Power Supply
• Pb-Free (RoHS compliant)
October 8, 2012
FN6619.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009-2012. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL29011IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011IROZ-EVALZ INTERSIL-ISL29011IROZ-EVALZ Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
logo
Renesas Technology Corp
ISL29011IROZ-EVALZ RENESAS-ISL29011IROZ-EVALZ Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

同様の説明 - ISL29011IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011_10 Datasheet
680Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com