データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29028AIROZ-T7 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL29028AIROZ-T7
部品情報  Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29028AIROZ-T7 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL29028AIROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 11Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 12Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 13Page - Intersil Corporation ISL29028AIROZ-T7 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ISL29028A
10
FN7721.3
January 29, 2014
An ALS interrupt event (ALS_FLAG) is governed by Registers 5
through 7. The user writes a high and low threshold value to these
registers and the ISL29028A will issue an ALS interrupt flag if the
actual count stored in Registers 0x9 and 0xA are outside the user’s
programmed window. The user must write 0 to clear the ALS_FLAG.
A proximity interrupt event (PROX_FLAG) is governed by the high
and low thresholds in registers 3 and 4 (PROX_LT and PROX_HT).
PROX_FLAG is set when the measured proximity data is more
than the higher threshold X-times-in-a-row (X is set by user; see
next paragraph). The proximity interrupt flag is cleared when the
prox data is lower than the low proximity threshold
X-times-in-a-row, or when the user writes “0” to PROX_FLAG.
Interrupt persistency is another useful option available for both
ALS and proximity measurements. Persistency requires X-in-a-
row interrupt flags before the INT pin is driven low. Both ALS and
Prox have their own independent interrupt persistency options.
See ALS_PRST and PROX_PRST bits in Register 2.
The final interrupt option is the ability to AND or OR the two
interrupt flags using Register 2 Bit 0 (INT_CTRL). If the user
wants both ALS/Prox interrupts to happen at the same time
before changing the state of the interrupt pin, set this bit high. If
the user wants the interrupt pin to change state when either the
ALS or the Proximity interrupt flag goes high, leave this bit to its
default of 0.
ALS Range 1 Considerations
When measuring ALS counts higher than 1800 on range 1
(ALSIR_MODE = 0, ALS_RANGE = 0, ALS_DATA > 1800), switch
to range 2 (change the ALS_RANGE bit from “0” to “1”) and
remeasure ALS counts. This recommendation pertains only to
applications where the light incident upon the sensor is IR-heavy
and is distorted by tinted glass that increases the ratio of infrared
to visible light. For more information, contact the factory.
VDD Power-up and Power Supply
Considerations
Upon power-up, please ensure a VDD slew rate of 0.5V/ms or greater.
After power-up, or if the user’s power supply temporarily deviates
from our specification (2.25V to 3.63V), Intersil recommends the
user write the following: write 0x00 to register 0x01, write 0x29 to
register 0x0F, write 0x00 to register 0x0E, and write 0x00 to register
0x0F. The user should then wait ~1ms or more and then rewrite all
registers to the desired values. If the user prefers a hardware reset
method instead of writing to test registers: set VDD =0V for 1 second
or more, power back up at the required slew rate, and write registers
to the desired values.
Power-Down
To put the ISL29028A into a power-down state, the user can set both
PROX_EN and ALS_EN bits to 0 in Register 1. Or more simply, set all
of Register 1 to 0x00.
Calculating Lux
The ISL29028A’s ADC output codes are directly proportional to lux
when in ALS mode (see ALSIR_MODE bit).
In Equation 2, Ecalc is the calculated lux reading and OUT
represents the ADC code. The constant
α to plug in is determined
by the range bit ALS_RANGE (register 0x1 bit 1) and is
independent of the light source type.
Table 15 shows two different scale factors: one for the low range
(ALS_RANGE = 0) and the other for the high range
(ALS_RANGE = 1).
Noise Rejection
Charge balancing ADC’s have excellent noise-rejection
characteristics for periodic noise sources whose frequency is an
integer multiple of the conversion rate. For instance, a 60Hz AC
unwanted signal’s sum from 0ms to k*16.66ms (k = 1,2...ki) is zero.
Similarly, setting the device’s integration time to be an integer
multiple of the periodic noise signal greatly improves the light
sensor output signal in the presence of noise. Since wall sockets
may output at 60Hz or 50Hz, our integration time is 100ms: the
lowest common integer number of cycles for both frequencies.
Proximity Detection of Various Objects
Proximity sensing relies on the amount of IR reflected back from
objects. A perfectly black object would absorb all light and reflect
no photons. The ISL29028A is sensitive enough to detect black
ESD foam which reflects only 1% of IR. For biological objects,
blonde hair reflects more than brown hair and customers may
notice that skin tissue is much more reflective than hair. IR
penetrates into the skin and is reflected or scattered back from
within. As a result, the proximity count peaks at contact and
monotonically decreases as skin moves away. The reflective
characteristics of skin are very different from that of paper.
TABLE 15. ALS SENSITIVITY AT DIFFERENT RANGES
ALS_RANGE
αRANGE
(Lux/Count)
0
0.0326
1
0.522
Ecalc
α
RANGE
OUTADC
×
=
(EQ. 2)


同様の部品番号 - ISL29028AIROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29028AIROZ-T7 INTERSIL-ISL29028AIROZ-T7 Datasheet
753Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
Renesas Technology Corp
ISL29028AIROZ-T7 RENESAS-ISL29028AIROZ-T7 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
More results

同様の説明 - ISL29028AIROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29028IROZ INTERSIL-ISL29028IROZ Datasheet
624Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 4, 2011
logo
Renesas Technology Corp
ISL29028 RENESAS-ISL29028 Datasheet
820Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29030A INTERSIL-ISL29030A_11 Datasheet
724Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029IROZ-T7 INTERSIL-ISL29029IROZ-T7 Datasheet
576Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
November 23, 2010
logo
Renesas Technology Corp
ISL29028A RENESAS-ISL29028A Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29029 RENESAS-ISL29029 Datasheet
825Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
logo
Intersil Corporation
ISL29028A_1103 INTERSIL-ISL29028A_1103 Datasheet
745Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes
ISL29030IROZ-T7 INTERSIL-ISL29030IROZ-T7 Datasheet
538Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digita Out
November 12, 2012
logo
Renesas Technology Corp
ISL29030 RENESAS-ISL29030 Datasheet
853Kb / 17P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
ISL29030A RENESAS-ISL29030A Datasheet
824Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt and Sleep Modes - Analog and Digital Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com