データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29038IROZ-EVALZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL29038IROZ-EVALZ
部品情報  Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29038IROZ-EVALZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL29038IROZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 9Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 10Page - Intersil Corporation ISL29038IROZ-EVALZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ISL29038
7
FN7851.1
January 23, 2015
Submit Document Feedback
Typical Performance Curves
FIGURE 6. PROXIMITY SENSITIVITY (Note 13)
FIGURE 7. ALS SENSITIVITY (Note 14)
FIGURE 8. PROXIMITY AMBIENT LIGHT REJECTION (Note 15)
FIGURE 9. ALS ANGULAR SENSITIVITY (Note 16)
NOTES:
13. The ISL29038 Proximity distance sweeps with different IRDR LED current settings using an 18% Grey card reflector.
14. The ISL29038 Ambient Light Sensor Spectral response when compared to a theoretical CIE 1924 Photopic curve. The ‘Blue’ line shows the ISL29038
response and the ‘Red’ line depicts the CIE 1924 Photopic curve.
15. The ISL29038 Proximity Ambient Light Rejection using a Norwood Solar Emulator. At 40k lux ambient light level, the Proximity Washout Count (Reg
0x0D[7:1]) is 127 indicating a saturation in Proximity Signal processing path. The Proximity Washout bit 0x0D[0] is active at approximately 90% of
the maximum level. At 10% initial PROX count (due to optical leakage from IR LED to the ISL29038), the PROX data error is under 2%. At 50% initial
PROX count (severe optical leakage), the PROX data error is about 7%.
16. The Ambient Light Sensor Angular Sensitivity of the ISL29038 using a white LED light source.
0
10
20
30
40
50
60
70
80
90
100
020
80
60
40
18% GREY CARD PROXIMITY DISTANCE (mm)
125mA
250mA
31.25mA
62.5mA
0
10
20
30
40
50
60
70
80
90
100
300
400
500
600
700
800
900
1000
1100
WAVELENGTH (nm)
RANGE: 2k Lux
ALS RESPONSE (BLUE)
CIE 1924 PHOTOPIC CURVE
AMBIENT LIGHT LEVEL (LUX)
0
8k
16k
24k
32k
40k
15
10
5
50%
10%
0
0
10
20
30
40
50
60
70
80
90
100
-90
-60
-30
0
30
60
90
ANGLE (°)


同様の部品番号 - ISL29038IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Xicor Inc.
ISL29038IROZ-EVALZ XICOR-ISL29038IROZ-EVALZ Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038IROZ-EVALZ RENESAS-ISL29038IROZ-EVALZ Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
More results

同様の説明 - ISL29038IROZ-EVALZ

メーカー部品番号データシート部品情報
logo
Xicor Inc.
ISL29038 XICOR-ISL29038 Datasheet
560Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Renesas Technology Corp
ISL29038 RENESAS-ISL29038 Datasheet
729Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147 RENESAS-ISL29147 Datasheet
711Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Intersil Corporation
ISL29147 INTERSIL-ISL29147 Datasheet
126Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
ISL29147IROMZ-T7 INTERSIL-ISL29147IROMZ-T7 Datasheet
413Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
January 6, 2015
ISL29038 INTERSIL-ISL29038 Datasheet
186Kb / 2P
   Low Power Ambient Light and Proximity Sensor with Enhanced Infrared Rejection
logo
Maxim Integrated Produc...
MAX44000 MAXIM-MAX44000 Datasheet
1Mb / 24P
   Ambient and Infrared Proximity Sensor
Rev 0; 10/11
logo
Intersil Corporation
ISL29029 INTERSIL-ISL29029 Datasheet
761Kb / 16P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
ISL29028 INTERSIL-ISL29028 Datasheet
466Kb / 15P
   Low Power Ambient Light and Proximity Sensor with Intelligent Interrupt
logo
OSRAM GmbH
SFH7771 OSRAM-SFH7771 Datasheet
1Mb / 30P
   Ambient Light and Proximity Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com