データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29101IROZ-T7 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL29101IROZ-T7
部品情報  Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29101IROZ-T7 データシート(HTML) 6 Page - Intersil Corporation

  ISL29101IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29101IROZ-T7 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6510.1
November 5, 2012
Application Information
Light-to-Voltage Conversion
The ISL29101 has responsiveness that is a linear function of
the light intensity intercepted by the photodiode in lux.
Because the photodiode has a responsivity that resembles
the human eye, conversion rate is independent of the light
source (fluorescent light, incandescent light or direct
sunlight).
Here, VOUT is the output voltage and E is the light intensity.
REXT is the value of the external resistor, which is used to
set the light-to-voltage scaling constant. The compliance of
the ISL29101’s output circuit may result in premature
saturation when an excessively large REXT is used. The
output compliance voltage is 700mV below the supply
voltage, as listed in VO-MAX of the “Electrical Specifications”
table on page 2.
Optical Sensor Location Outline
The green area in Figure 17 shows the optical sensor
location outline of ISL29101. Along the pinout direction, the
center line (CL) of the sensor coincides with that of the
packaging. The sensor width in this direction is 0.39mm.
Perpendicular to the pin-out direction, the CL of the sensor
has an 0.19mm offset from the CL of packaging away from
pin-1. The sensor width in this direction is 0.46mm.
V
OUT
1.6
μA100lux ) ER
EXT
(
=
(EQ. 1)
FIGURE 17. 6 LD ODFN SENSOR LOCATION OUTLINE
2.10mm
2.00mm
0.39mm
0.46mm
0.19mm
29101
ISL29101


同様の部品番号 - ISL29101IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29101IROZ-T7 INTERSIL-ISL29101IROZ-T7 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29101IROZ-T7 RENESAS-ISL29101IROZ-T7 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29101IROZ-T7A RENESAS-ISL29101IROZ-T7A Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
More results

同様の説明 - ISL29101IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29101 INTERSIL-ISL29101 Datasheet
634Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29101 RENESAS-ISL29101 Datasheet
803Kb / 7P
   Small, Low Power, Voltage-Output Ambient Light Photo Detect IC
ISL29006 RENESAS-ISL29006 Datasheet
973Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29006 INTERSIL-ISL29006 Datasheet
709Kb / 11P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
ISL29006IROZ-T7 INTERSIL-ISL29006IROZ-T7 Datasheet
724Kb / 12P
   Small, Low Power, Current-Output Ambient Light Photo Detect IC
October 8, 2015
EL7900 INTERSIL-EL7900 Datasheet
177Kb / 8P
   Ambient Light Photo Detect IC
ISL29000 INTERSIL-ISL29000_07 Datasheet
158Kb / 7P
   Ambient Light Photo Detect IC
logo
Renesas Technology Corp
ISL29000 RENESAS-ISL29000 Datasheet
410Kb / 7P
   Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29000 INTERSIL-ISL29000 Datasheet
157Kb / 7P
   Ambient Light Photo Detect IC
EL7900 INTERSIL-EL7900_07 Datasheet
164Kb / 7P
   Ambient Light Photo Detect IC
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com