データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29102IROZ-T7 データシート(PDF) 6 Page - Intersil Corporation

部品番号 ISL29102IROZ-T7
部品情報  Low Power Ambient Light-to-Voltage Non-Linear Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29102IROZ-T7 データシート(HTML) 6 Page - Intersil Corporation

  ISL29102IROZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL29102IROZ-T7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN6483.1
July 15, 2010
FIGURE 12. SUPPLY CURRENT vs TEMPERATURE AT 0 LUX
FIGURE 13. NORMALIZED OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 14. SUPPLY CURRENT vs TEMPERATURE
FIGURE 15. NORMALIZED OUTPUT VOLTAGE vs SUPPLY
VOLTAGE
FIGURE 16. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 17. TRANSIENT RESPONSE OF ISL29102 TO
CHANGE IN LIGHT INTENSITY
Typical Performance Curves (Continued)
0.80
0.90
1.00
1.10
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
VDD = 3V
REXT = 10MΩ
NO LOAD
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
VDD = 3V
300 Lux
1000 Lux
FLUORESCENT LIGHT
1
3
5
9
7
11
13
-50 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TEMPERATURE (°C)
300 Lux
1000 Lux
REXT = 100kΩ
NO LOAD
VDD = 3V
FLUORESCENT LIGHT
0.990
0.995
1.000
1.005
1.010
1.52.0
2.53.0
3.5
4.0
SUPPLY VOLTAGE (V)
FLUORESCENT LIGHT
1000 Lux
VDD = 3V
REXT = 100kΩ
9.0
9.2
9.4
9.6
1.52.0
2.53.0
3.5
4.0
SUPPLY VOLTAGE (V)
FLUORESCENT LIGHT
1000 Lux
REXT = 100kΩ
NO LOAD
LIGHT INTENSITY
VDD = 3V, REXT = 100kΩ
LIGHT INTENSITY RISES FROM 0 LUX TO 300 LUX
AND FALLS FROM 300 LUX TO 0 LUX WITH WHITE LED
VOUT
0V
ISL29102


同様の部品番号 - ISL29102IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29102IROZ-T7 INTERSIL-ISL29102IROZ-T7 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102IROZ-T7 RENESAS-ISL29102IROZ-T7 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29102IROZ-T7A RENESAS-ISL29102IROZ-T7A Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
More results

同様の説明 - ISL29102IROZ-T7

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29102 INTERSIL-ISL29102 Datasheet
733Kb / 9P
   Low Power Ambient Light-to-Voltage Non-Linear Converter
logo
Renesas Technology Corp
ISL29102 RENESAS-ISL29102 Datasheet
887Kb / 10P
   Low Power Ambient Light-to-Voltage Nonlinear Converter
ISL29009 RENESAS-ISL29009 Datasheet
808Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
Intersil Corporation
ISL29009IROZ-T7 INTERSIL-ISL29009IROZ-T7 Datasheet
578Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
July 1, 2008
ISL29009 INTERSIL-ISL29009 Datasheet
679Kb / 7P
   Non-Linear Output Current, Low Power Ambient Light Photo Detect IC
logo
ams AG
TSL2563 AMSCO-TSL2563 Datasheet
1Mb / 43P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL2562 TAOS-TSL2562 Datasheet
431Kb / 38P
   LOW-VOLTAGE LIGHT-TO-DIGITAL CONVERTER
logo
ON Semiconductor
LA0151CS ONSEMI-LA0151CS Datasheet
160Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
logo
Sharp Corporation
GA1A2S100SS SHARP-GA1A2S100SS Datasheet
428Kb / 10P
   OPIC??Linear Output Ambient Light Sensor
logo
ON Semiconductor
LA0152CS ONSEMI-LA0152CS Datasheet
189Kb / 7P
   Ambient Light Sensor Linear Current Output
April 2015- Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com