データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL29125EVAL1Z データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL29125EVAL1Z
部品情報  Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29125EVAL1Z データシート(HTML) 4 Page - Intersil Corporation

  ISL29125EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL29125EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ISL29125
4
FN8424.2
January 24, 2014
Submit Document Feedback
I2C Interface Specifications V
DD = 3.0V, TA = +25°C, 16-bit ADC operation, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS
VIL
SDA and SCL Input Buffer LOW Voltage
0.55
V
VIH
SDA and SCL Input Buffer HIGH Voltage
1.25
V
VHys (Note 8) SDA and SCL Input Buffer Hysteresis
0.05xVDD
V
VOL (Note 8) SDA Output Buffer LOW Voltage
(open-drain), Sinking 4mA
00.4
V
CPIN (Note 8) SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD = 5V, VIN =0V,
VOUT = 0V
10
pF
fSCL
SCL Frequency
500
kHz
tIN
Pulse Width Suppression Time at SDA and
SCL Inputs
Any pulse narrower than the max spec is
suppressed
50
ns
tAA
SCL Falling Edge to SDA Output Data Valid
900
ns
tBUF
Time the Bus Must be Free Before the Start of
a New Transmission
1300
ns
tLOW
SCL LOW Time
1300
ns
tHIGH
SCL HIGH Time
600
ns
tSU:STA
START Condition Setup Time
600
ns
tHD:STA
START Condition Hold Time
600
ns
tSU:DAT
Input Data Setup Time
100
ns
tHD:DAT
Input Data Hold Time
30
ns
tSU:STO
STOP Condition Setup Time
600
ns
tHD:STHD:ST STOP Condition Hold Time
600
ns
tHD:ST
Output Data Hold Time
0ns
tHD:ST (Note 8) SDA and SCL Rise Time
20+0.1xCb
ns
tHD:ST (Note 8) SDA and SCL Fall Time
20+0.1xCb
ns
Cb (Note 8) Capacitive Loading of SDA or SCL
Total on-chip and off-chip
400
pF
RPU (Note 8) SDA and SCL Bus Pull-up Resistor Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2kΩ ~ 2.5kΩ.
For Cb = 40pF, max is about 15kΩ ~ 20kΩ
1kΩ
NOTES:
8. Limits should be considered typical and are not production tested.
9. These are I2C specific parameters and are not tested, however, they are used to set conditions for testing devices to validate specification.
10. Cb is the capacitance of the bus in pF.


同様の部品番号 - ISL29125EVAL1Z

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL29125EVAL1Z RENESAS-ISL29125EVAL1Z Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
More results

同様の説明 - ISL29125EVAL1Z

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL29124 INTERSIL-ISL29124 Datasheet
100Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
February 19, 2014
logo
Renesas Technology Corp
ISL29124 RENESAS-ISL29124 Datasheet
770Kb / 16P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
January 13, 2015
ISL29125 RENESAS-ISL29125 Datasheet
786Kb / 17P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Intersil Corporation
ISL29125 INTERSIL-ISL29125 Datasheet
99Kb / 2P
   Digital Red, Green and Blue Color Light Sensor with IR Blocking Filter
logo
Renesas Technology Corp
ISL29120 RENESAS-ISL29120 Datasheet
462Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
Intersil Corporation
ISL29120 INTERSIL-ISL29120 Datasheet
343Kb / 8P
   Digital Output, Low Power, Red, Green, and Blue Color Light Sensor
logo
ams AG
TCS3472 AMSCO-TCS3472 Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
   COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
Broadcom Corporation.
APDS-9250 BOARDCOM-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9250 AVAGO-APDS-9250 Datasheet
522Kb / 21P
   Digital RGB, IR and Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com