データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43210AIHZ-T7A データシート(PDF) 1 Page - Intersil Corporation

部品番号 ISL43210AIHZ-T7A
部品情報  Medium-Voltage, Single Supply, Single SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43210AIHZ-T7A データシート(HTML) 1 Page - Intersil Corporation

  ISL43210AIHZ-T7A Datasheet HTML 1Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 2Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL43210AIHZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Medium-Voltage, Single Supply, Single SPDT Analog
Switch
ISL43210A
The Intersil ISL43210A device is a precision, bidirectional,
single SPDT analog switch designed to operate from a single
+2.7V to +15V supply. Targeted applications include
applications that require a +15V single supply such as
3D TV/Eyeware products and single supply +3.0V/+5V battery
powered equipment that benefit from the devices’ low power
consumption (5µW), low leakage currents (10nA max), and fast
switching speeds (tON = 28ns, tOFF = 20ns). Cell phones, for
example, often face ASIC functionality limitations. The number
of analog input or GPIO pins may be limited and digital
geometries are not well suited to analog switch performance.
This device may be used to “mux-in” additional functionality
while reducing ASIC design risk. It’s small package alleviates
board space limitations, making it an ideal solution.
The ISL43210A is a single committed SPDT, which is perfect for
use in 2-to-1 multiplexer applications.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Fully specified at 12V, 5V, and 3.3V supplies for 10%
tolerances
• ON-resistance (rON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11Ω
•rON matching between channels . . . . . . . . . . . . . . . . . . . . . . . <1Ω
• Low charge injection. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5pC
• Single supply operation . . . . . . . . . . . . . . . . . . . . . . +2.7V to +15V
• Low leakage current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Fast switching action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17ns
• Guaranteed break-before-make switching
• Minimum 2000V ESD protection per method 3015.7
•TTL, CMOS compatible
• Available in 6 Ld SOT-23 package
• Pb-free (RoHS compliant)
Applications
• Battery-powered, handheld, and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Communications systems
- Radios, ADSL Modems
- PBX, PABX
• Test and measurement equipment
-Ultrasound
- Computerized Tomography (CT) Scanner
- Magnetic Resonance Image (MRI)
- Position Emission Tomography (PET) Scanner
- Electrocardiograph
• Audio and Video switching
-3D TV
-3D Eyeware
•Various circuits
- +3V/+5V DACs and ADCs
- Sample and hold circuits
- Digital filters
- Operational amplifier gain switching networks
- High frequency analog switching
- High speed multiplexing
- Integrator reset circuits
TABLE 1. FEATURES AT A GLANCE
ISL43210A
SW 1/SW 2
SPDT or
2x1 MUX
12V rON
11Ω
12V tON/tOFF
25ns/17ns
5V rON
19Ω
5V tON/tOFF
28ns/20ns
3.3V rON
32Ω
3.3V tON/tOFF
40ns/20ns
Package
6 Ld SOT-23
June 24, 2011
FN7876.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
|Copyright Intersil Americas Inc. 2011. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


同様の部品番号 - ISL43210AIHZ-T7A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43210AIHZ-T7A INTERSIL-ISL43210AIHZ-T7A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210AIHZ-T7A RENESAS-ISL43210AIHZ-T7A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
More results

同様の説明 - ISL43210AIHZ-T7A

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL43210A RENESAS-ISL43210A Datasheet
655Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
logo
Intersil Corporation
ISL43210A INTERSIL-ISL43210A Datasheet
556Kb / 12P
   Medium-Voltage, Single Supply, Single SPDT Analog Switch
ISL43210 INTERSIL-ISL43210_07 Datasheet
304Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL43210 RENESAS-ISL43210 Datasheet
625Kb / 12P
   Low-Voltage, Single Supply, Single SPDT Analog Switch
logo
ON Semiconductor
NLAS4599 ONSEMI-NLAS4599_11 Datasheet
132Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
March, 2011 ??Rev. 11
NLAST4599 ONSEMI-NLAST4599_17 Datasheet
133Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
August, 2017 ??Rev. 9
NLAST4599 ONSEMI-NLAST4599 Datasheet
120Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
November, 2002 - Rev. 6
NLAST4599 ONSEMI-NLAST4599_06 Datasheet
138Kb / 12P
   Low Voltage Single Supply SPDT Analog Switch
May, 2006 ??Rev. 8
NLAS4599 ONSEMI-NLAS4599 Datasheet
100Kb / 11P
   Low Voltage Single Supply SPDT Analog Switch
June, 2006 ??Rev. 9
logo
Intersil Corporation
ISL76123AHZ-T INTERSIL-ISL76123AHZ-T Datasheet
411Kb / 12P
   Automotive Single Supply, SPDT Analog Switch
August 15, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com