データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL54051IHZ-T データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL54051IHZ-T
部品情報  Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54051IHZ-T データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL54051IHZ-T Datasheet HTML 4Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 5Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 6Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL54051IHZ-T Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
FN6459.3
October 19, 2009
Die Characteristics
SUBSTRATE POTENTIAL (POWERED UP):
GND
TRANSISTOR COUNT:
57
PROCESS:
Submicron CMOS
FIGURE 15. OFF ISOLATION
FIGURE 16. CHARGE INJECTION vs SWITCH
VOLTAGE
Typical Performance Curves T
A = +25°C, Unless Otherwise Specified (Continued)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-120
-20
-40
-60
-80
-100
ISOLATION
V+ = 1.8V to 5.5V
0
-120
-20
-40
-60
-80
-100
0
012
345
-60
-40
-20
0
10
30
40
VCOM (V)
V+ = 3.0V
V+ = 5V
V+ = 1.8V
-50
-30
-10
20
V+ = 3.0V
ISL54051, ISL54052


同様の部品番号 - ISL54051IHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54051IHZ-T INTERSIL-ISL54051IHZ-T Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54051IHZ-T RENESAS-ISL54051IHZ-T Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results

同様の説明 - ISL54051IHZ-T

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Renesas Technology Corp
ISL54051 RENESAS-ISL54051 Datasheet
616Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
logo
Intersil Corporation
ISL54051 INTERSIL-ISL54051 Datasheet
401Kb / 12P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL43L710 INTERSIL-ISL43L710_07 Datasheet
265Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com