データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLS203B0LDV33 データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLS203B0LDV33
部品情報  Linear Voltage Post Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0LDV33 データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLS203B0LDV33 Datasheet HTML 3Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 4Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 5Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 6Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 7Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 8Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 9Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 10Page - Infineon Technologies AG TLS203B0LDV33 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
TLS203B0
Pin Configuration
Data Sheet
7
Rev. 1.2, 2015-01-12
8 (DSO-8 EP)
9, 10 (TSON-10)
I
Input.
The device is supplied by the input pin I. A capacitor at the input pin is
required if the device is more than 6 inches away from the main input filter
capacitor or if a non-negligible inductance is present at the input I 4). The
TLS203B0 is designed to withstand reverse voltages on the input pin I with
respect to GND and output Q. In the case of reverse input (e.g. due to a wrongly
attached battery) the device will act as if there is a diode in series with its input. In
this way there will be no reverse current flowing into the regulator and no reverse
voltage will appear at the load. Hence, the device will protect both - the device
itself and the load.
9 (DSO-8 EP)
11 (TSON-10)
Tab
Exposed Pad.
To ensure proper thermal performance, solder Pin 11 of TSON-10
to the PCB ground and tie directly to Pin 6. In the case of DSO-8 EP as well solder
Pin 9 to the PCB ground and tie directly to Pin 6 (GND).
1) A maximum value of 10 nF can be used for reducing output voltage noise over the bandwidth from 10 Hz to 100 kHz.
2) Normally several microamperes.
3) Typical value is 1 µA.
4) In general the output impedance of a battery rises with frequency, so it is advisable to include a bypass capacitor in battery-
powered circuits. Depending on actual conditions an input capacitor in the range of 1 to 10 µF is sufficient.
Pin
Symbol
Function


同様の部品番号 - TLS203B0LDV33

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS203B0LDV33 INFINEON-TLS203B0LDV33 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
More results

同様の説明 - TLS203B0LDV33

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLS205B0 INFINEON-TLS205B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS208D1 INFINEON-TLS208D1_15 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS208D1 INFINEON-TLS208D1 Datasheet
1Mb / 29P
   Linear Voltage Post Regulator
Rev. 1.0, 2015-02-26
TLS205B0 INFINEON-TLS205B0_15 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-15
TLS203B0 INFINEON-TLS203B0 Datasheet
2Mb / 31P
   Linear Voltage Post Regulator
Rev. 1.2, 2015-01-12
TLS205B0EJV50 INFINEON-TLS205B0EJV50_15 Datasheet
2Mb / 25P
   Linear Voltage Post Regulator
Rev. 1.1, 2015-01-15
TLS202B1MBV33 INFINEON-TLS202B1MBV33 Datasheet
892Kb / 18P
   Fixed Linear Voltage Post Regulator
Rev. 1.0, 2015-06-23
TLS202B1V50 INFINEON-TLS202B1V50 Datasheet
563Kb / 19P
   Fixed Linear Voltage Post Regulator
Rev. 1.0 2017-05-31
TLS202A1 INFINEON-TLS202A1 Datasheet
922Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
TLS202A1MBV INFINEON-TLS202A1MBV Datasheet
928Kb / 18P
   Adjustable Linear Voltage Post Regulator
Rev. 1.0, 2015-06-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com