データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCRF451 データシート(PDF) 11 Page - Microchip Technology

部品番号 MCRF451
部品情報  13.56 MHz Read/Write Passive RFID Device
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCRF451 データシート(HTML) 11 Page - Microchip Technology

Back Button MCRF451 Datasheet HTML 7Page - Microchip Technology MCRF451 Datasheet HTML 8Page - Microchip Technology MCRF451 Datasheet HTML 9Page - Microchip Technology MCRF451 Datasheet HTML 10Page - Microchip Technology MCRF451 Datasheet HTML 11Page - Microchip Technology MCRF451 Datasheet HTML 12Page - Microchip Technology MCRF451 Datasheet HTML 13Page - Microchip Technology MCRF451 Datasheet HTML 14Page - Microchip Technology MCRF451 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
 2003 Microchip Technology Inc.
DS40232H-page 11
MCRF450/451/452/455
TABLE 2-8:
INTERNAL RESONANT CAPACITANCE AND ANTENNA INDUCTANCE
REQUIREMENTS
Device
Name
Resonant
Capacitance
(Antenna A to
V
SS)
External
Inductance
Requirement
between Antenna
A and V
SS for
13.56 MHz tag
Connection to External
Antenna Circuit
Reference
MCRF451
95 pF ±10%
1.45
µH ±10%
Antenna A, B, and
V
SS pads
This device requires three
connections to an external circuit.
Good for direct die attachment onto
antenna.
MCRF452
30 pF ±10%
4.591
µH ±10%
Antenna A and V
SS pads This device requires only two
antenna connections. Good for both
direct die attachment and COB.
MCRF455
50 pF ±10%
2.76
µH ±10%
Antenna A, B, and
V
SS pads
This device requires three
connections to an external circuit.
Good for direct die attachment onto
antenna.
Note:
The internal capacitance value for bumped die is about 1 pF higher than the unbumped die’s capacitor.


同様の部品番号 - MCRF451

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCRF200 MICROCHIP-MCRF200 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M00A MICROCHIP-MCRF200I/1M00A Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M08D MICROCHIP-MCRF200I/1M08D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1M14D MICROCHIP-MCRF200I/1M14D Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
MCRF200I/1MQ23 MICROCHIP-MCRF200I/1MQ23 Datasheet
297Kb / 24P
   125 kHz microID??Passive RFID Device
11/24/03
More results

同様の説明 - MCRF451

メーカー部品番号データシート部品情報
logo
Microchip Technology
MCRF355 MICROCHIP-MCRF355 Datasheet
497Kb / 22P
   13.56 MHz Passive RFID Device with Anti-Collision Feature
10/18/02
logo
ATMEL Corporation
ATA5577M1330C-PPMY ATMEL-ATA5577M1330C-PPMY_14 Datasheet
292Kb / 8P
   Read/Write LF RFID IDIC Transponder 125KHz
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
   13.56 MHz 64 Data bit Read Only Contactless Identification Device
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
194Kb / 14P
   13.56 MHz, 2048-bit RFID EEPROM
ATA5577C ATMEL-ATA5577C_14 Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5577C ATMEL-ATA5577C Datasheet
1Mb / 47P
   Read/Write LF RFID IDIC 100 to 150kHz
ATA5575M2 ATMEL-ATA5575M2_14 Datasheet
915Kb / 25P
   Read/Write LF RFID IDIC 100kHz to 150kHz
ATA5575M1 ATMEL-ATA5575M1_14 Datasheet
813Kb / 22P
   Read/Write LF RFID IDIC 100kHz to 150kHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com