データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM123QML データシート(PDF) 1 Page - Texas Instruments

部品番号 LM123QML
部品情報  LM123QML 3-Amp, 5-Volt Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM123QML データシート(HTML) 1 Page - Texas Instruments

  LM123QML_15 Datasheet HTML 1Page - Texas Instruments LM123QML_15 Datasheet HTML 2Page - Texas Instruments LM123QML_15 Datasheet HTML 3Page - Texas Instruments LM123QML_15 Datasheet HTML 4Page - Texas Instruments LM123QML_15 Datasheet HTML 5Page - Texas Instruments LM123QML_15 Datasheet HTML 6Page - Texas Instruments LM123QML_15 Datasheet HTML 7Page - Texas Instruments LM123QML_15 Datasheet HTML 8Page - Texas Instruments LM123QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LM123QML
www.ti.com
SNVS393A – DECEMBER 2010 – REVISED APRIL 2013
LM123QML 3-Amp, 5-Volt Positive Regulator
Check for Samples: LM123QML
1
FEATURES
DESCRIPTION
The LM123 is a three-terminal positive regulator with
2
3 Amp Output Current
a preset 5V output and a load driving capability of 3
Internal Current and Thermal Limiting
amps. New circuit design and processing techniques
0.01
Ω Typical Output Impedance
are used to provide the high output current without
sacrificing the regulation characteristics of lower
7.5V Minimum Input Voltage
current devices.
30W Power Dissipation
The 3 amp regulator is virtually blowout proof.
Current limiting, power limiting, and thermal shutdown
provide the same high level of reliability obtained with
these techniques in the LM109 1 amp regulator.
No external components are required for operation of
the LM123. If the device is more than 4 inches from
the filter capacitor, however, a 1
μF solid tantalum
capacitor should be used on the input. A 0.1
μF or
larger capacitor may be used on the output to reduce
load transient spikes created by fast switching digital
logic, or to swamp out stray load capacitance.
An overall worst case specification for the combined
effects of input voltage, load currents, ambient
temperature, and power dissipation ensure that the
LM123
will
perform
satisfactorily
as
a
system
element.
For applications requiring other voltages, see LM150
series adjustable regulator data sheet.
Connection Diagram
Figure 1. TO Package
See Package Number K0002C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM123QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
More results

同様の説明 - LM123QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
   3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com