データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM123QML データシート(PDF) 3 Page - Texas Instruments

部品番号 LM123QML
部品情報  LM123QML 3-Amp, 5-Volt Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM123QML データシート(HTML) 3 Page - Texas Instruments

  LM123QML_15 Datasheet HTML 1Page - Texas Instruments LM123QML_15 Datasheet HTML 2Page - Texas Instruments LM123QML_15 Datasheet HTML 3Page - Texas Instruments LM123QML_15 Datasheet HTML 4Page - Texas Instruments LM123QML_15 Datasheet HTML 5Page - Texas Instruments LM123QML_15 Datasheet HTML 6Page - Texas Instruments LM123QML_15 Datasheet HTML 7Page - Texas Instruments LM123QML_15 Datasheet HTML 8Page - Texas Instruments LM123QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM123QML
www.ti.com
SNVS393A – DECEMBER 2010 – REVISED APRIL 2013
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
DC Parameters
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
VIN = 7.5V, IO = 0A
4.7
5.3
V
1
VOUT
Output Voltage
7.5V
≤ VIN ≤ 15V,
4.6
5.4
V
1, 2, 3
0
≤ IO ≤ 3A, P ≤ 30W
VRLine
Line Regulation
7.5V
≤ VIN ≤ 15V, IO = 0A
-25
25
mV
1
VRLoad
Load Regulation
VIN = 7.5V, 0 ≤ IO ≤ 3A
-100
100
mV
1
VIN = 15V, 0 ≤ IO ≤ 3A
20
mA
1, 2, 3
IQ
Quiescent Current
VIN = 7.5V, 0 ≤ IO ≤ 3A
20
mA
1, 2, 3
VIN = 15V
4.5
A
1
ISC
Short Circuit Current
VIN =7.5V
5.0
A
1
ΔVO / ΔT
Long Term Stability
See(1)
35
mV
1
(1)
Specified parameter not tested.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM123QML


同様の部品番号 - LM123QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
More results

同様の説明 - LM123QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM123QML TI1-LM123QML Datasheet
552Kb / 14P
[Old version datasheet]   LM123QML 3-Amp, 5-Volt Positive Regulator
logo
National Semiconductor ...
LM123 NSC-LM123 Datasheet
203Kb / 8P
   3-Amp, 5-Volt Positive Regulator
logo
Texas Instruments
LM123 TI1-LM123 Datasheet
1Mb / 13P
[Old version datasheet]   3-Amp, 5-Volt Positive Regulator
logo
Linear Technology
LT123A LINER-LT123A Datasheet
456Kb / 7P
   5 Volt, 3 Amp Voltage Regulator
LT1003 LINER-LT1003 Datasheet
415Kb / 7P
   5 Volt, 5 Amp Voltage Regulator
LT1003 LINER-LT1003_15 Datasheet
621Kb / 7P
   5 VOLT 5 AMP VOLTAGE REGULATOR
logo
Seme LAB
IP78M05ADP SEME-LAB-IP78M05ADP Datasheet
13Kb / 2P
   3 TERMINAL LOW CURRENT 5 VOLT POSITIVE VOLTAGE REGULATOR
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
   5 Volt Positive Fixed Voltage Regulator
logo
Seme LAB
LT1084M SEME-LAB-LT1084M Datasheet
32Kb / 3P
   5 AMP POSITIVE VOLTAGE REGULATOR
logo
Semtech Corporation
EZ1084 SEMTECH-EZ1084_06 Datasheet
155Kb / 6P
   5 Amp Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com