データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM140QML データシート(PDF) 5 Page - Texas Instruments

部品番号 LM140QML
部品情報  LM140QML Three Terminal Positive Regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM140QML データシート(HTML) 5 Page - Texas Instruments

  LM140QML_15 Datasheet HTML 1Page - Texas Instruments LM140QML_15 Datasheet HTML 2Page - Texas Instruments LM140QML_15 Datasheet HTML 3Page - Texas Instruments LM140QML_15 Datasheet HTML 4Page - Texas Instruments LM140QML_15 Datasheet HTML 5Page - Texas Instruments LM140QML_15 Datasheet HTML 6Page - Texas Instruments LM140QML_15 Datasheet HTML 7Page - Texas Instruments LM140QML_15 Datasheet HTML 8Page - Texas Instruments LM140QML_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LM140QML
www.ti.com
SNVS382B – FEBRUARY 2006 – REVISED MAY 2013
LM140H–15 Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
DC: VI = 23V, IL =350mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
VO
VI = 35V, IL = 5mA
14.25
15.75
V
1
14.40
15.60
V
1
VI = 18.5V
14.25
15.75
V
1, 2, 3
Output Voltage
VI = 18.5V, IL = 5mA
14.25
15.75
V
1, 2, 3
VI = 30V, IL = 5mA
14.25
15.75
V
1, 2, 3
VI = 30V
14.25
15.75
V
1, 2, 3
RLine
17.5V
≤ VI ≤ 30V, IL = 200mA
-60
60
mV
1
18.5V
≤ VI ≤ 30V, IL = 200mA
-120
120
mV
2, 3
Line Regulation
-30
30
mV
1
20V
≤ VI ≤ 30V, IL = 200mA
-60
60
mV
2, 3
RLoad
-150
150
mV
1
5mA
≤ IL ≤ 500mA
-300
300
mV
2, 3
Load Regulation
-75
75
mV
1
5mA
≤ IL ≤ 200mA
-150
150
mV
2, 3
IQ
Quiescent Current
7.0
mA
1, 2, 3
ΔIQ
17.5V
≤ VI ≤ 30V, IL = 200mA
-0.8
0.8
mA
1, 2, 3
Quiescent Current Change
5mA
≤ IL ≤ 350mA
-0.5
0.5
mA
1, 2, 3
IPk
Peak Current
VI - VO = 7V
See(1)
0.4
2.0
A
1, 2, 3
VDO
Dropout Voltage
See(2)
2.5
V
1
IOS
Short Circuit Current
VI = 35V
1.0
A
1, 2, 3
(1)
VO is set to 90% VRef
(2)
VDO = VI − VO when VO is 95% of VRef.
LM140H–15 Electrical Characteristics AC Parameters
The following conditions apply, unless otherwise specified.
AC: VI = 23V, IL =350mA
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
RR
Ripple Rejection
VI=20V, IL=125mA,
54
dB
4, 5, 6
eI=1VRMS, ƒ = 2.4KHz
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM140QML


同様の部品番号 - LM140QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
More results

同様の説明 - LM140QML_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM140H-5.0/883 TI1-LM140H-5.0/883 Datasheet
221Kb / 14P
[Old version datasheet]   LM140QML Three Terminal Positive Regulators
logo
National Semiconductor ...
LM140JAN NSC-LM140JAN Datasheet
535Kb / 12P
   Three Terminal Positive Regulators
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com