データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM237 データシート(PDF) 7 Page - Texas Instruments

部品番号 LM237
部品情報  LMx37 3-Terminal Adjustable Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM237 データシート(HTML) 7 Page - Texas Instruments

Back Button LM237_15 Datasheet HTML 3Page - Texas Instruments LM237_15 Datasheet HTML 4Page - Texas Instruments LM237_15 Datasheet HTML 5Page - Texas Instruments LM237_15 Datasheet HTML 6Page - Texas Instruments LM237_15 Datasheet HTML 7Page - Texas Instruments LM237_15 Datasheet HTML 8Page - Texas Instruments LM237_15 Datasheet HTML 9Page - Texas Instruments LM237_15 Datasheet HTML 10Page - Texas Instruments LM237_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1.25 V
IADJ
INPUT
OUTPUT
ADJUST
Over temp
& over
current
protection
+
+
LM237, LM337
www.ti.com
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
8 Detailed Description
8.1 Overview
The LMx37 devices are adjustable 3-terminal negative-voltage regulators capable of supplying in excess of –1.5
A over an output voltage range of –1.2 V to –37 V. They are exceptionally easy to use, requiring only two
external resistors to set the output voltage and one output capacitor for frequency compensation. The current
design is optimized for excellent regulation and low thermal transients. In addition, LM237 and LM337 feature
internal current limiting, thermal shutdown, and safe-area compensation, making them virtually immune to failure
by overloads. The LMx37 devices serve a wide variety of applications, including local on-card regulation,
programmable output-voltage regulation, and precision current regulation.
8.2 Functional Block Diagram
Copyright © 1981–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM237 LM337


同様の部品番号 - LM237_15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM237H STMICROELECTRONICS-LM237H Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
LM237K STMICROELECTRONICS-LM237K Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Texas Instruments
LM237KC TI-LM237KC Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237KC TI-LM237KC Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237KCE3 TI-LM237KCE3 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results

同様の説明 - LM237_15

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
WS337L WINGS-WS337L Datasheet
113Kb / 1P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com