データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM237 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM237
部品情報  LMx37 3-Terminal Adjustable Regulators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM237 データシート(HTML) 8 Page - Texas Instruments

Back Button LM237_15 Datasheet HTML 4Page - Texas Instruments LM237_15 Datasheet HTML 5Page - Texas Instruments LM237_15 Datasheet HTML 6Page - Texas Instruments LM237_15 Datasheet HTML 7Page - Texas Instruments LM237_15 Datasheet HTML 8Page - Texas Instruments LM237_15 Datasheet HTML 9Page - Texas Instruments LM237_15 Datasheet HTML 10Page - Texas Instruments LM237_15 Datasheet HTML 11Page - Texas Instruments LM237_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADJUSTMENT
OUTPUT
INPUT
LM237, LM337
SLVS047L – NOVEMBER 1981 – REVISED JANUARY 2015
www.ti.com
8.3 Design Schematic
8.4 Feature Description
8.4.1 Output Voltage Adjustment
The ADJUSTMENT pin serves as a voltage adjustment reference for the output. The ADJUSTMENT pin can be
attached to a resistor divider circuit to adjust its own voltage level. The reference voltage VADJUSTMENT will
typically be 1.25 V higher than VO.
8.5 Device Functional Modes
8.5.1 Adjustable Output Mode
The device has a single functional mode: Adjustable output voltage mode. A resistor divider circuit on the
ADJUSTMENT pin determines the output voltage.
8
Submit Documentation Feedback
Copyright © 1981–2015, Texas Instruments Incorporated
Product Folder Links: LM237 LM337


同様の部品番号 - LM237_15

メーカー部品番号データシート部品情報
logo
STMicroelectronics
LM237H STMICROELECTRONICS-LM237H Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
LM237K STMICROELECTRONICS-LM237K Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Texas Instruments
LM237KC TI-LM237KC Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237KC TI-LM237KC Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237KCE3 TI-LM237KCE3 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results

同様の説明 - LM237_15

メーカー部品番号データシート部品情報
logo
Wing Shing Computer Com...
WS337L WINGS-WS337L Datasheet
113Kb / 1P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Texas Instruments
TL317 TI-TL317 Datasheet
120Kb / 7P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237_07 Datasheet
745Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
LM237 TI-LM237 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
   3-TERMINAL ADJUSTABLE REGULATORS
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com