データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317HV データシート(PDF) 4 Page - Texas Instruments

部品番号 LM317HV
部品情報  LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM317HV データシート(HTML) 4 Page - Texas Instruments

  LM317HV_15 Datasheet HTML 1Page - Texas Instruments LM317HV_15 Datasheet HTML 2Page - Texas Instruments LM317HV_15 Datasheet HTML 3Page - Texas Instruments LM317HV_15 Datasheet HTML 4Page - Texas Instruments LM317HV_15 Datasheet HTML 5Page - Texas Instruments LM317HV_15 Datasheet HTML 6Page - Texas Instruments LM317HV_15 Datasheet HTML 7Page - Texas Instruments LM317HV_15 Datasheet HTML 8Page - Texas Instruments LM317HV_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM117HV, LM317HV
SNVS773D – APRIL 2000 – REVISED SEPTEMBER 2015
www.ti.com
6 Pin Configuration and Functions
Metal Can NDS Package
Metal Can NDT Package
2-Pin TO-3
3-pin TO-39
Bottom View
Bottom View
NDE Package
3-Pin TO-220
Front View
Pin Functions
PIN
NAME
I/O
DESCRIPTION
TO-220
TO-39 NO.
TO-3 NO.
NO.
ADJ
2
1
1
Adjust Pin
VOUT
3, CASE
CASE
2, TAB
O
Output voltage pin for the regulator
VIN
1
2
3
I
Input voltage pin for the regulator
7 Specifications
7.1 Absolute Maximum Ratings
See
(1).
MIN
MAX
UNIT
Power dissipation
Internally limited
Input–output voltage differential
−0.3
60
V
Lead temperature (soldering, 10 seconds)
300
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM117HV LM317HV


同様の部品番号 - LM317HV_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
logo
National Semiconductor ...
LM317HVH NSC-LM317HVH Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317HVH TI1-LM317HVH Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
LM317HVH TI1-LM317HVH Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HVH/NOPB TI1-LM317HVH/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
More results

同様の説明 - LM317HV_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM117HV TI-LM117HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM317HV-MIL TI1-LM317HV-MIL Datasheet
2Mb / 26P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com