データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3480IM3X-3.3 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3480IM3X-3.3
部品情報  LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3480IM3X-3.3 データシート(HTML) 1 Page - Texas Instruments

  LM3480IM3X-3.3 Datasheet HTML 1Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 2Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 3Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 4Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 5Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 6Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 7Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 8Page - Texas Instruments LM3480IM3X-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
COUT
0.1 µF
LM3480IM3-5.0
3
2
1
5 V, 100 mA OUT
6.5 V IN
CIN
0.1 µF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3480
SNVS011H – JUNE 1999 – REVISED SEPTEMBER 2015
LM3480 100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
1 Features
3 Description
The LM3480 is an integrated linear voltage regulator.
1
Input Voltage Range: up to 30 V
It features operation from an input as high as 30 V
3.3-V, 5-V, 12-V, and 15-V Versions Available
and an ensured maximum dropout of 1.2 V at the full
Packaged in the Tiny 3-Lead SOT-23 Package
100-mA load. Standard packaging for the LM3480 is
the 3-lead SOT-23 package.
30-V Maximum Input for Operation
1.2-V Ensured Maximum Dropout Over Full Load
The 5-V, 12-V, and 15-V members of the LM3480
and Temperature Ranges
series are intended as tiny alternatives to industry
standard LM78Lxx series and similar devices. The
100-mA Ensured Minimum Load Current
1.2-V quasi-low dropout of LM3480 series devices
±5% Ensured Output Voltage Tolerance Over Full
makes them a nice fit in many applications where the
Load and Temperature Ranges
2-V to 2.5-V dropout of LM78Lxx series devices
−40 to +125°C Junction Temperature Range for
precludes their (LM78Lxx series devices) use.
Operation
The LM3480 series also features a 3.3-V member.
The
SOT-23
packaging
and
quasi-low
dropout
2 Applications
features of the LM3480 series converge in this device
to provide a very nice, very tiny, 3.3-V, 100-mA bias
Tiny Alternative to LM78Lxx Series and Similar
supply that regulates directly off the system 5-V ±5%
Devices
power supply.
Tiny 5-V ±5% to 3.3-V, 100-mA Converter
Post Regulator for Switching DC/DC Converter
Device Information(1)
Bias Supply for Analog Circuits
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3480
SOT-23 (3)
2.92 mm × 1.30 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
Typical Application Circuit
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


同様の部品番号 - LM3480IM3X-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3480IM3X-3.3 NSC-LM3480IM3X-3.3 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3480IM3X-3.3 TI-LM3480IM3X-3.3 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
More results

同様の説明 - LM3480IM3X-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3480IM3X-15 TI-LM3480IM3X-15 Datasheet
996Kb / 15P
[Old version datasheet]   LM3480 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
TECH PUBLIC Electronics...
TLV76033DBZR TECHPUBLIC-TLV76033DBZR Datasheet
1Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
LM3480IM3X-3.3 TECHPUBLIC-LM3480IM3X-3.3 Datasheet
2Mb / 4P
   100-mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
National Semiconductor ...
LM3480 NSC-LM3480 Datasheet
277Kb / 9P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator
logo
Texas Instruments
LM3490IM5-12 TI-LM3490IM5-12 Datasheet
1,007Kb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-
logo
National Semiconductor ...
LM3490 NSC-LM3490 Datasheet
291Kb / 10P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
LM3490 NSC-LM3490_07 Datasheet
310Kb / 12P
   100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Texas Instruments
LM3490IM5-5 TI1-LM3490IM5-5 Datasheet
1Mb / 17P
[Old version datasheet]   LM3490 100 mA, SOT-23, Quasi Low-Dropout Linear Voltage Regulator with Logic-Controlled ON/OFF
logo
Analog Devices
ADP3307 AD-ADP3307_15 Datasheet
1Mb / 8P
   100 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com