データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5216KI データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL5216KI
部品情報  Four-Channel Programmable Digital Downconverter
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5216KI データシート(HTML) 4 Page - Intersil Corporation

  ISL5216KI Datasheet HTML 1Page - Intersil Corporation ISL5216KI Datasheet HTML 2Page - Intersil Corporation ISL5216KI Datasheet HTML 3Page - Intersil Corporation ISL5216KI Datasheet HTML 4Page - Intersil Corporation ISL5216KI Datasheet HTML 5Page - Intersil Corporation ISL5216KI Datasheet HTML 6Page - Intersil Corporation ISL5216KI Datasheet HTML 7Page - Intersil Corporation ISL5216KI Datasheet HTML 8Page - Intersil Corporation ISL5216KI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
4
FN6013.3
July 13, 2007
Pin Descriptions
NAME
TYPE
DESCRIPTION
POWER SUPPLY
VCC1
-
Positive Power Supply Voltage (core), 2.5V
±0.125
VCC2
-
Positive Power Supply Voltage (I/O), 3.3V
±0.165
GND
-
Ground, 0V.
INPUTS
A(15:0), Am1
I
Parallel Data Input bus A. Sampled on the rising edge of clock when ENIA is active (low). Am1 has internal
weak pull-down.
B(15:0), Bm1
I
Parallel Data Input bus B. Sampled on the rising edge of clock when ENIB is active (low). Bm1 has internal
weak pull-down.
C(15:0), Cm1
I
Parallel Data Input bus C. Sampled on the rising edge of clock when ENIC is active (low). Cm1 has internal
weak pull-down.
D15
I
Parallel Data Input D15 or tuner channel 0 COF.
D14
I
Parallel Data Input D14 or tuner channel 0 COFSync.
D13
I
Parallel Data Input D13 or tuner channel 0 SOF.
D12
I
Parallel Data Input D12 or tuner channel 0 SOFSync.
D11
I
Parallel Data Input D11 or tuner channel 1 COF.
D10
I
Parallel Data Input D10 or tuner channel 1 COFSync.
D9
I
Parallel Data Input D9 or tuner channel 1 SOF.
D8
I
Parallel Data Input D8 or tuner channel 1 SOFSync.
D7
I
Parallel Data Input D7 or tuner channel 2 COF.
D6
I
Parallel Data Input D6 or tuner channel 2 COFSync.
D5
I
Parallel Data Input D5 or tuner channel 2 SOF.
D4
I
Parallel Data Input D4 or tuner channel 2 SOFSync.
D3
I
Parallel Data Input D3 or tuner channel 3 COF.
D2
I
Parallel Data Input D2 or tuner channel 3 COFSync.
D1
I
Parallel Data Input D1 or tuner channel 3 SOF.
D0
I
Parallel Data Input D0 or tuner channel 3 SOFSync.
Dm1
I
Parallel Data Input Dm1 for extended floating point input modes. Dm1 has internal weak pull-down.
ENIA
I
Input enable for Parallel Data Input bus A. Active low. This pin enables the input to the part in one of two modes,
gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENIB
I
Input enable for Parallel Data Input bus B. Active low. This pin enables the input to the part in one of two modes,
gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENIC
I
Input enable for Parallel Data Input bus C. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
ENID
I
Input enable for Parallel Data Input bus D. Active low. This pin enables the input to the part in one of two
modes, gated or interpolated. In gated mode, one sample is taken per CLK when ENI is asserted.
CONTROL
CLK
I
Input clock. All processing in the ISL5216 occurs on the rising edge of CLK.
SYNCI
I
Global synchronization input signal. Used to align the processing with an external event or with other ISL5216
or HSP50216 devices. SYNCI can update the carrier NCO, reset decimation counters, restart the filter
compute engine, and restart the output section among other functions. For most of the functional blocks, the
response to SYNCI is programmable and can be enabled or disabled. This signal is connected to all four
channels and is included for backward compatibility with HSP50216 designs.
SYNCI0
I
Synchronization input signal for channel 0. Same functions as SYNCI but connects only to channel 0. This pin
is internally pulled low to allow it to be left unconnected.
SYNCI1
I
Synchronization input signal for channel 1. Same functions as SYNCI but connects only to channel 1. This pin
is internally pulled low to allow it to be left unconnected.
SYNCI2
I
Synchronization input signal for channel 2. Same functions as SYNCI but connects only to channel 2. This pin
is internally pulled low to allow it to be left unconnected.
ISL5216


同様の部品番号 - ISL5216KI

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216KI RENESAS-ISL5216KI Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI-1 INTERSIL-ISL5216KI-1 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
More results

同様の説明 - ISL5216KI

メーカー部品番号データシート部品情報
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com