データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL5416KIZ データシート(PDF) 5 Page - Intersil Corporation

部品番号 ISL5416KIZ
部品情報  Four-Channel Wideband Programmable
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416KIZ データシート(HTML) 5 Page - Intersil Corporation

  ISL5416KIZ Datasheet HTML 1Page - Intersil Corporation ISL5416KIZ Datasheet HTML 2Page - Intersil Corporation ISL5416KIZ Datasheet HTML 3Page - Intersil Corporation ISL5416KIZ Datasheet HTML 4Page - Intersil Corporation ISL5416KIZ Datasheet HTML 5Page - Intersil Corporation ISL5416KIZ Datasheet HTML 6Page - Intersil Corporation ISL5416KIZ Datasheet HTML 7Page - Intersil Corporation ISL5416KIZ Datasheet HTML 8Page - Intersil Corporation ISL5416KIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 71 page
background image
5
JTAG
TDO
O
Test data out
TDI
I
PULL UP
Test data in.
TMS
I
PULL UP
Test mode select.
TCLK
I
PULL DOWN
Test clock.
TRST
I
PULL UP
Test reset. Active low. If JTAG not used, tie this pin low. If there is a trace connected to the pin and
there is enough board noise, the JTAG port might get into an unexpected state and stop
communications with the part
OUTPUTS
Aout(15:0)
O
Parallel Data Output bus A. A 16-bit parallel data output which can be programmed to consist of I, Q,
AGC. Data from Channels 0, 1, 2 and 3 can be multiplexed into a common parallel output data bus.
Information can be sequenced in a programmable order. Can be ones complemented. Can be
divided into two 8-bit busses. See Data Output Formatter Section and Microprocessor Interface
Section. See Table 24.
Bout(15:0)
O
Parallel Data Output bus B. A 16-bit parallel data output which can be programmed to consist of I, Q,
AGC. Data from Channels 0, 1, 2 and 3 can be multiplexed into a common parallel output data bus.
Information can be sequenced in a programmable order. Can be ones complemented. Can be
divided into two 8-bit busses. See Data Output Formatter Section and Microprocessor Interface
Section.
Cout(15:0)
O
Parallel Data Output bus C. A 16-bit parallel data output which can be programmed to consist of I, Q,
AGC. Data from Channels 0, 1, 2 and 3 can be multiplexed into a common parallel output data bus.
Information can be sequenced in a programmable order. Can be ones complemented. Can be
divided into two 8-bit busses. See Data Output Formatter Section and Microprocessor Interface
Section.
Dout(15:0)
O
Parallel Data Output bus D. A 16-bit parallel data output which can be programmed to consist of I, Q,
AGC. Data from Channels 0, 1, 2 and 3 can be multiplexed into a common parallel output data bus.
Information can be sequenced in a programmable order. Can be ones complemented. Can be
divided into two 8-bit busses. See Data Output Formatter Section and Microprocessor Interface
Section.
Below is the table of the serial output bits allocation for DOUT.
Eout(15:0)
O
A 16-bit parallel VGA/Attenuator control output. Partitionable into separate 4 or 8-bit busses.
CLKO1
O
Output Clock 1. Can be programmed to be at CLKC/N for N = 1 to 16. The polarity of CLKO1 is
programmable.
CLKO2/
INTRPT
O
Available ONLY on Rev B (final) version of the part. Provides a complementary output or a second
clock to simplify board routing. Polarity is programmable. It can also be programmed as an interrupt
from one or more channels for a sequenced read (FIFO-like) mode. See register GWA = 0000h, bit
13.
Pin Descriptions (Continued)
NAME
TYPE
INTERNAL
PULL-UP/DOWN
DESCRIPTION
SERIAL OUTPUT BITS ALLOCATION
SER. OUTPUT A
SER. OUTPUT B
SER. OUTPUT C
SER. OUTPUT D
SCLKX *
DOUT0
DOUT4
DOUT8
DOUT12
SSYNCX *
DOUT1
DOUT5
DOUT9
DOUT13
SD1X *
DOUT2
DOUT6
DOUT10
DOUT14
SD2X *
DOUT3
DOUT7
DOUT11
DOUT15
* X denotes A, B, C, D as appropriate
ISL5416


同様の部品番号 - ISL5416KIZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5416KIZ INTERSIL-ISL5416KIZ Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416KIZ RENESAS-ISL5416KIZ Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results

同様の説明 - ISL5416KIZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Intel Corporation
CD2481 INTEL-CD2481 Datasheet
2Mb / 222P
   Programmable Four-Channel Communications Controller
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com