データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL43140IBZ データシート(PDF) 7 Page - Intersil Corporation

部品番号 ISL43140IBZ
部品情報  Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43140IBZ データシート(HTML) 7 Page - Intersil Corporation

Back Button ISL43140IBZ Datasheet HTML 3Page - Intersil Corporation ISL43140IBZ Datasheet HTML 4Page - Intersil Corporation ISL43140IBZ Datasheet HTML 5Page - Intersil Corporation ISL43140IBZ Datasheet HTML 6Page - Intersil Corporation ISL43140IBZ Datasheet HTML 7Page - Intersil Corporation ISL43140IBZ Datasheet HTML 8Page - Intersil Corporation ISL43140IBZ Datasheet HTML 9Page - Intersil Corporation ISL43140IBZ Datasheet HTML 10Page - Intersil Corporation ISL43140IBZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
All Hostile Crosstalk
RL = 50, CL = 15pF, f = 10MHz,
VNO or VNC = 1VRMS, See Figure 19
25
-
-60
-
dB
Power Supply Rejection Ratio
RL = 50, CL = 15pF, f = 1MHz, See Figure 20
25
-
60
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
7
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 7
25
-
14
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, Switch On or Off
25
-1
0.05
1
A
Full
-1
-
1
A
Negative Supply Current, I-
25
-1
0.05
1
A
Full
-1
-
1
A
Electrical Specifications: 3V to 3.3V Supply
Test Conditions: V+ = +2.7V to +3.6V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V
(Note 6), Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 7)
TYP
MAX
(NOTE 7)UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 2.7V, ICOM = 1.0mA, VNO or VNC = 1V,
See Figure 5
25
-
200
250
Full
-
-
270
RON Matching Between Channels,
RON
V+ = 2.7V, ICOM = 1.0mA, VNO or VNC = 1V
25
-
2
4
Full
-
-
6
RON Flatness, RFLAT(ON)
V+ = 2.7V, ICOM = 1.0mA, VNO or VNC = 0.5V to 1.5V,
Note 9
25
-
80
100
Full
-
-
120
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 3.6V, VCOM = 1V, 2.6V, VNO or VNC = 2.6V, 1V,
Note 8
25
-1
0.01
1
nA
Full
-5
-
5
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 3.6V, VCOM = 1V, 2.6V, VNO or VNC = 2.6V, 1V,
Note 8
25
-1
0.01
1
nA
Full
-5
-
5
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 3.6V, VCOM = 1V, 2.6V, Note 8
25
-2
-
2
nA
Full
-10
-
10
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
2.4
1.6
-
V
Input Voltage Low, VINL
Full
-
1.6
0.8
V
Input Current, IINH, IINL
V+ = 3.6V, VIN = 0V or V+
Full
-0.5
0.03
0.5
A
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 2.7V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to V+, See Figure 1
25
-
120
180
ns
Full
-
-
220
ns
Turn-OFF Time, tOFF
V+ = 2.7V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to V+, See Figure 1
25
-
25
45
ns
Full
-
-
60
ns
Break-Before-Make Time Delay
(ISL43142), tD
V+ = 3.6V, VNO or VNC = 1.5V, RL = 300, CL = 35pF,
VIN = 0 to 3V, See Figure 3
25
15
50
-
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0See Figure 2
25
-
0.5
5
pC
OFF Isolation
RL = 50, CL = 15pF, f = 100kHz,
VNO or VNC = 1VRMS, See Figures 4, 6, and 19
25
-
>90
-
dB
Crosstalk, Note 10
25
-
<-90
-
dB
All Hostile Crosstalk
RL = 50, CL = 15pF, f = 10MHz,
VNO or VNC = 1VRMS, See Figure 19
25
-
-60
-
dB
Power Supply Rejection Ratio
RL = 50, CL = 15pF, f = 1MHz, See Figure 20
25
-
60
-
dB
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, V- = GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 6),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(NOTE 7)
TYP
MAX
(NOTE 7)UNITS
ISL43140, ISL43141, ISL43142


同様の部品番号 - ISL43140IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43140IBZ RENESAS-ISL43140IBZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

同様の説明 - ISL43140IBZ

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com