データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA2008-1000D データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BTA2008-1000D
部品情報  3Q Hi-Com Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA2008-1000D データシート(HTML) 3 Page - NXP Semiconductors

  BTA2008-1000D Datasheet HTML 1Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 2Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 3Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 4Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 5Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 6Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 7Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 8Page - NXP Semiconductors BTA2008-1000D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NXP Semiconductors
BTA2008-1000D
3Q Hi-Com Triac
BTA2008-1000D
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved
Product data sheet
11 June 2014
3 / 13
8. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
-
1000
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 70 °C; Fig. 1;
Fig. 2; Fig. 3
-
0.8
A
full sine wave; Tj(init) = 25 °C;
tp = 20 ms; Fig. 4; Fig. 5
-
9
A
ITSM
non-repetitive peak on-state
current
full sine wave; Tj(init) = 25 °C;
tp = 16.7 ms
-
9.9
A
I2t
I2t for fusing
tp = 10 ms; sine-wave pulse
-
0.41
A2s
dIT/dt
rate of rise of on-state current
IT = 1.5 A; IG = 20 mA; dIG/dt = 0.2 A/µs
-
100
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C
003aac117
0
2
4
6
8
10
12
10-2
10-1
1
10
surge duration (s)
IT(RMS)
(A)
f = 50 Hz; Tlead = 70 °C
Fig. 1. RMS on-state current as a function of surge
duration; maximum values
003aac115
0
0.2
0.4
0.6
0.8
1
-50
0
50
100
150
Tlead (°C)
IT(RMS)
(A)
Fig. 2. RMS on-state current as a function of lead
temperature; maximum values


同様の部品番号 - BTA2008-1000D

メーカー部品番号データシート部品情報
logo
WeEn Semiconductors
BTA2008-1000D WEEN-BTA2008-1000D Datasheet
273Kb / 13P
   3Q Hi-Com Triac
BTA2008-1000DN WEEN-BTA2008-1000DN Datasheet
500Kb / 12P
   3Q Triac
More results

同様の説明 - BTA2008-1000D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com