データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF3205L-TA3-T データシート(PDF) 2 Page - Unisonic Technologies

部品番号 UF3205L-TA3-T
部品情報  N-CHANNEL MOSFET ARRAY FOR SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3205L-TA3-T データシート(HTML) 2 Page - Unisonic Technologies

  UF3205L-TA3-T Datasheet HTML 1Page - Unisonic Technologies UF3205L-TA3-T Datasheet HTML 2Page - Unisonic Technologies UF3205L-TA3-T Datasheet HTML 3Page - Unisonic Technologies UF3205L-TA3-T Datasheet HTML 4Page - Unisonic Technologies UF3205L-TA3-T Datasheet HTML 5Page - Unisonic Technologies UF3205L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF3205
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-304.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-Source Voltage
VGSS
±20
V
Drain-Source Voltage
VDSS
55
V
Continuous (VGS=10V)
ID
110
Drain Current
Pulsed (Note 2)
IDM
390
A
Avalanche Current (Note 2)
IAR
62
A
Repetitive(Note 2)
EAR
20
Avalanche Energy
Single Pulsed(Note 3)
EAS
265
mJ
Power Dissipation (TC=25°C)
PD
156
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
3. TJ=25°C, L=0.138mH, RG=25Ω, IAS=62A
THERMAL DATA
PARAMETER
SYMBOL
MAX
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
0.8
Junction to Case
TO-263
θJC
0.7
°C/W


同様の部品番号 - UF3205L-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UF3205L-TA3-T UTC-UF3205L-TA3-T Datasheet
196Kb / 5P
   HEXFET POWER MOSFET
logo
VBsemi Electronics Co.,...
UF3205L-TA3-T VBSEMI-UF3205L-TA3-T Datasheet
998Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

同様の説明 - UF3205L-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
10N65 UTC-10N65_15 Datasheet
396Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
1N40 UTC-1N40_15 Datasheet
173Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
6N40 UTC-6N40_15 Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UP672 UTC-UP672 Datasheet
162Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
2N70Z UTC-2N70Z_15 Datasheet
260Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N70 UTC-10N70_15 Datasheet
243Kb / 7P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UT100N03 UTC-UT100N03_15 Datasheet
364Kb / 8P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
10N15 UTC-10N15_15 Datasheet
221Kb / 4P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF830 UTC-UF830_15 Datasheet
321Kb / 9P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
UF2N30Z UTC-UF2N30Z_15 Datasheet
208Kb / 3P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com