データシートサーチシステム |
|
FW-7543A データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FW-7543A データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page connect@lannerinc.com | www.lannerinc.com Specifications Ordering Information Form Factor Desktop Platform Processor Options Single-core Intel® Atom™ processor E3815 or Quad-core Celeron® processor J1900* series (Codenamed “BayTrail”) Chipset N/A OS Support Win 7, WES 7, Win 8, WES 8, WEC 7, Linux (Fedora 18/Yocto) BIOS AMI BIOS System Memory Technology J1900: Dual-channel DDR3L-1333 E3815: Single-channel DDR3L-1067 Max. Capacity 8 GB Socket 1 x 204-pin SODIMM Storage HDD Bays 1 x 2.5” HDD/SSD kit (Optional) CF/SD 1 x CF card Type II Networking Ethernet Ports 4 x GbE RJ-45 onboard Bypass N/A Controllers 4 x Intel i211 Ethernet Modules N/A Management Port N/A I/O Interface Reset Button Yes Console 1 x RJ45 USB 2 x USB 2.0 IPMI via OPMA slot N/A Display 2x6, 2.0 pin header Expansion PCIe N/A PCI N/A Cooling Processor CPU heatsink with fan duct System 1 x cooling Fan with smart fan control Environmental Parameters Temperature, ambient operating / storage 0 ~ 40º C / -20~70º C Humidity (RH), ambient operating / ambient non-operating 5~90%, non-condensing / 5~95%, non-condensing Miscellaneous LCD Module Reserve for ODM Watchdog Yes Internal RTC with Li Battery Yes Physical Dimensions Dimensions (WxHxD) 220 x 44 x 176 mm Weight 1.2 kg Power Type / Watts Power Adapter / TBD Input 100~240 V @50~60 Hz Approvals and Compliance CE Class A, FCC Class B, RoHS FW-7543A Intel® Atom™ processor E3815 (Codenamed “Bay Trail”), 4 Intel GbE LAN ports without Bypass, 1 RJ45 console, 2 x USB, 1 x CF socket, 1 x SATA, power adapter, optional 1 x 2.5” HDD Support FW-7543B Intel® Celeron® processor J1900 series (Codenamed “Bay Trail”), 4 Intel GbE LAN ports without Bypass, 1 RJ45 console, 2 x USB, 1 x CF socket, 1 x SATA, power adapter, optional 1 x 2.5” HDD Support |
同様の部品番号 - FW-7543A |
|
同様の説明 - FW-7543A |