データシートサーチシステム |
|
FW-7610A データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
FW-7610A データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page Specifications connect@lannerinc.com www.lannerinc.com Ordering Information Specifications are subject to change without notice Form Factor 1U Rackmount Platform Processor Options Intel Celeron 827E,Single core, 1.4GHz(SKU A&B) Intel Celeron 847E, Dual Core, 1.1GHz(SKU C) Chipset Intel HM65 BIOS AMI BIOS 32Mb SPI Flash ROM System Memory Technology 2-Channel DDR3 1066/1333MHz with ECC Max. Capacity 16GB Socket 2 x 240P ECC DIMM OS Support Windows 2000, 2003, XP, 7. Linux Storage HDD Bays 2 x 2.5” or 1 x 3.5” CompactFlash 1 x Type II CompactFlash Networking Ethernet Ports 8 x GbE RJ45 Bypass 2 Pairs G2 (SKU A&C) Controllers 8 x Intel 82574L Ethernet Modules N/A Management Port N/A Security Acceleration N/A I/O Interface Reset Button 1 x reset button Software reset by default Console 1 x RJ45 USB 2 x USB 2.0 IPMI via OPMA slot N/A Expansion PCIe N/A PCI N/A Cooling Processor Passive CPU heatsink System 2 x cooling fans Environmental Parameters Temperature, ambient operating / storage 0 ~ 40º C / -20~70º C Humidity (RH), ambient operating / ambient non-operating 5~95%, non-condensing Miscellaneous LCD Module N/A Watchdog Yes Internal RTC with Li Battery Yes Physical Dimensions Dimensions (WxHxD) 431 x 44 x 305 mm Weight 4.5 kg Power Type / Watts 1U ATX SPS / 150W Input AC 100~240V @50~60 Hz Approvals and Compliance CE emission, FCC Class A, RoHS FW-7610A MB-7610A + FC-7610 + 150W PSU, Supports 2 pairs By- pass, Intel Celeron 827E CPU, RAM up to 16G FW-7610B MB-7610A + FC-7610 + 150W PSU, without Bypass, Intel Celeron 827E CPU, RAM up to 16G FW-7610C MB-7610A + FC-7610 + 150W PSU, Support 2 pair Bypass, Intel Celeron 847E CPU, RAM up to 16G Optional Power Cords 080W240318301 Power Cord(UK 3P/3P) RoHS UK 3P/3P L=183CM(YP-61+YC-12) 080W240318304 Power Cord(AU 3P/3P) RoHS AU 3P/3P L=183CM(YP-35+YC-12) 080W240318305 Power Cord(EU 3P/2P) RoHS EU 3P/2P L=183CM(YP-22+YC-12) 080W240318306 Power Cord(US 3P/3P) RoHS US 3P/3P L=183CM(YP-12+YC-12) 080W240318307 Power Cord(CN 3P/3P) RoHS CN 3P/3P L=183CM(YP-03+YC-12) 080W240318310 Power Cord(IND 3P/3P) RoHS 3P 183CM(YP-81+YC-12) IND YUNGLI Optional Accessories 080W120902001 Console Cable RoHS D-Sub 9P male flat cable to IDC 2.54 2x5P female type L=23CM HO-BASE 080W1K1202301 VGA Cable Green Internal VGA CABLE 2.54mm 12P TO 15P 23CM (Including EMI Core) HO-BASE 080W2B0801501 K/M Cable RoHS 8P/6P KB/Mouse Pitch=2.54 CABLE L=150mm Last Updated: 26-Sep-2012 |
同様の部品番号 - FW-7610A |
|
同様の説明 - FW-7610A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |