データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1771 データシート(PDF) 9 Page - Texas Instruments

部品番号 LM1771
部品情報  LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM1771 データシート(HTML) 9 Page - Texas Instruments

Back Button LM1771_15 Datasheet HTML 5Page - Texas Instruments LM1771_15 Datasheet HTML 6Page - Texas Instruments LM1771_15 Datasheet HTML 7Page - Texas Instruments LM1771_15 Datasheet HTML 8Page - Texas Instruments LM1771_15 Datasheet HTML 9Page - Texas Instruments LM1771_15 Datasheet HTML 10Page - Texas Instruments LM1771_15 Datasheet HTML 11Page - Texas Instruments LM1771_15 Datasheet HTML 12Page - Texas Instruments LM1771_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LM1771
www.ti.com
SNVS446C – JUNE 2006 – REVISED APRIL 2013
To maintain a set frequency in an application,
α is always held constant by varying TON inversely with VIN. The
three versions of the LM1771 are identified by the on times at a VIN of 3.3V for consistency. For clarification see
the table below:
Product ID
TON @ 3.3V
α (V µs)
LM1771S
0.5µs
1.65
LM1771T
1.0µs
3.3
LM1771U
2.0µs
6.6
The variation of TON versus VIN can also be expressed graphically. These graphs can be found in the typical
curves section of the datasheet.
With
α being a constant regardless of the version of the LM1771 used, Equation 6 shows that the only
dependent variable remaining is VOUT. Since VOUT will be a constant in any application, the frequency will also
remain constant. The switching frequency at which the application runs depends upon the VOUT desired and the
LM1771 version chosen. For any VOUT, three frequency options (LM1771 versions) can be selected. This can be
seen in the table below. The recommended frequency range of operation is 100kHz to 1000kHz.
Timing Options (1)
VOUT
500ns
1000ns
2000ns
0.8
485
242
121
1
606
303
152
1.2
727
364
182
1.5
909
455
227
1.8
1091
545
273
2.5
1515
758
379
3.3
2000
1000
500
(1)
Switching Frequency (kHz) of LM1771 based on output voltage and
timing option.
Short-Circuit Protection
The LM1771 has an internal short circuit comparator that constantly monitors the feedback node (except during
soft-start). If the feedback voltage drops below 0.55V (equivalent to the output voltage dropping below 68% of
nominal), the comparator will trip causing the part to latch off. The LM1771 will not resume switching until the
input voltage is taken below the UVLO threshold and then brought back into its normal operating range, or the
part is disabled then re-enabled through the enable pin. The purpose of this function is to prevent a severe short
circuit from causing damage to the application. Due to the fast transient response of the LM1771 a severe short
on the output causing the feedback to drop would only occur if the load applied had an effective resistance that
approaches the PMOS RDS(ON).
Precision Enable
The LM1771 features a precision enable circuit. If the voltage on the EN pin is 1.2V or greater, the part is
enabled and switching will occur. If the enable voltage falls below 1.2V, the part will be placed into a shutdown
state and the drivers will be tri-stated. This allows the LM1771 to be easily sequenced using a resistive divider
from the output of another regulator, or the working input voltage range of the LM1771 to be set using a resistive
divider on VIN. There is no internal pull-up connected to the EN pin, so an external signal is required to initiate
switching. It should be noted that when power is first applied to the LM1771, there is a slight delay before the
enable comparator is functional. During this delay, typically on the order of 400 µs, the part will be disabled
regardless of the voltage on the EN pin. The falling enable threshold features 50 mV of hysteresis
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1771


同様の部品番号 - LM1771_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1771 TI1-LM1771_16 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Voltage Synchronous Buck Controller
More results

同様の説明 - LM1771_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Renesas Technology Corp
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
   Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Microchip Technology
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
   No External Compensation
11/07/16
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Texas Instruments
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com