データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2647 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM2647
部品情報  LM2647 Dual Synchronous Buck Regulator Controller
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM2647 データシート(HTML) 4 Page - Texas Instruments

  LM2647 Datasheet HTML 1Page - Texas Instruments LM2647 Datasheet HTML 2Page - Texas Instruments LM2647 Datasheet HTML 3Page - Texas Instruments LM2647 Datasheet HTML 4Page - Texas Instruments LM2647 Datasheet HTML 5Page - Texas Instruments LM2647 Datasheet HTML 6Page - Texas Instruments LM2647 Datasheet HTML 7Page - Texas Instruments LM2647 Datasheet HTML 8Page - Texas Instruments LM2647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LM2647
SNVS210F – JUNE 2003 – REVISED APRIL 2013
www.ti.com
PIN DESCRIPTION (continued)
Pin 10, FPWM: Logic input for selecting either the Forced PWM (FPWM) Mode or Pulse-skip Mode (SKIP) for both channels (together).
When the pin is driven high, the IC operates in the FPWM mode, and when pulled low or left floating, the SKIP mode is enabled. In FPWM
mode, the lower FET of a given channel is always ON whenever the upper FET is OFF (except for a narrow shoot-through protection
deadband). This leads to continuous conduction mode of operation, which has a fixed frequency and (almost) fixed duty cycle down to very
light loads. But this does reduce efficiency at light loads. The alternative is the SKIP mode, where the lower FET remains ON only until the
voltage on the Switch pin (see Pin 27 or Pin 16) is more negative than 2.2mV (typical). So for example, for a 21m
Ω FET, this translates to a
current threshold of 2.2mV/21m
Ω = 0.1A. Therefore, if the (instantaneous) inductor current falls below this value, the lower FET will turn
OFF every cycle at this point (when operated in SKIP mode). This threshold is set by the zero-cross Comparator in the Figure 4. Note that if
the inductor current waveform is high enough to be always above this zero-cross threshold (VSW_ZERO, see Table of Electrical
Characteristics), there will be no observable difference between FPWM and SKIP mode settings (in steady-state). SKIP mode, when it
actually occurs, is clearly a discontinuous mode of operation. However, note that in conventional discontinuous mode, the duty cycle keeps
falling (towards zero) as the load decreases. But the LM2647 does not allow the duty cycle to fall by more than 15% of its original value (at
the CCM-DCM boundary). This forces pulse-skipping, and the average frequency is effectively decreased as the load decreases. This
mode of operation improves efficiency at light loads, but the frequency is effectively no longer a constant. Note that a minimum pre-load of
0.1mA should be maintained on the output of each channel to ensure regulation in SKIP mode. The resistive divider from output to ground
used to set the output voltage could be designed to serve as part or all of this required pre-load.
Pin 11, SS2: Soft-start pin for Channel 2. See Pin 4.
Pin 12, COMP2: Soft-start pin for Channel 2. See Pin 3.
Pin 13, FB2: Feedback pin for Channel 2. See Pin 2.
Pin 14, SENSE2: Output voltage sense pin for Channel 2. See Pin 1.
Pin 15, ILIM2: Channel 2 Current Limit pin. When the bottom FET is ON, a 62µA (typical) current flows out of this pin into an external
current limit setting resistor connected to the Drain of the lower FET. This is a current source, therefore the drop across this resistor serves
to push the voltage on this pin to a more positive value. However, the Drain of the lower FET which is connected to the other side of the
same resistor is trying to go more negative as the load current increases. At some value of instantaneous current, the voltage on this pin
will transit from positive to negative. The point where it is zero is the current limiting condition and is detected by the Current Limit
Comparator in the Figure 4. When current limit condition has been detected, the next ON-pulse of the upper FET will be omitted. The lower
FET will again be monitored to determine if the current has fallen below the threshold. If it has, the next ON-pulse will be permitted. If not,
the upper FET will be turned OFF and will stay so for several cycles if necessary, until the current returns to normal. Eventually, if the
overcurrent condition persists, and the upper FET has not been turned ON, the output will clearly start to fall. Ultimately the output will fall
below the under-voltage threshold, and a fault condition will be asserted by the IC.
Pin 16, SW2: The Switching node of the buck regulator of Channel 2. Also serves as the lower rail of the floating driver of the upper FET.
Pin 17, HDRV2: Gate drive pin for the upper FET of Channel 2 (High-side drive). The top gate driver is interlocked with the bottom gate
driver to prevent shoot-through/cross-conduction.
Pin 18, BOOT2: Bootstrap pin for Channel 2. This is the upper supply rail for the floating driver of the upper FET. It is bootstrapped by
means of a ceramic capacitor connected to the channel Switching node. This capacitor is charged up by the IC to a value of about 5V as
derived from the V5 pin (Pin 21).
Pin 19, PGND2: Power Ground pin of Channel 2. This is the return path for the bottom FET gate drive. Both the PGND's are to be
connected on the PCB to the system ground and also to the Signal ground (Pin 7) in accordance with the recommended LAYOUT
GUIDELINES.
Pin 20, LDRV2: Gate drive pin for the Channel 2 bottom FET (Low-side drive). The bottom gate driver is interlocked with the top gate driver
to prevent shoot-through/cross-conduction. It is always latched high when a fault condition is asserted by the IC.
Pin 21, V5: Upper rail of the lower FET drivers of both channels. Also used to charge up the bootstrap capacitors of the upper FET drivers.
This is connected to an external 5V supply. The 5V rail may be the same as the rail used to provide power to the VDD pin (Pin 5), but the
VDD pin will then require to be well-decoupled so that it does not interact with the V5 pin. A low-pass RC filter consisting of a ceramic 0.1µF
capacitor (preferably 0.22µF) and a 10
Ω resistor will suffice as shown in the Typical Applications circuit.
Pin 22, VIN: The input to both the Buck regulator power stages. It also is used by the internal ramp generator to implement the line
feedforward feature. The VIN pin is also used with the SENSE pin voltage to predict the CCM (continuous conduction mode) duty cycle and
to thereby set the minimum allowed DCM duty cycle to 85% of the CCM value (in SKIP mode, see Pin 10). This is a high input impedance
pin, drawing only about 100µA (typical) from the input rail.
Pin 23, LDRV1: LDRV pin of Channel 1. See Pin 20.
Pin 24, PGND1: PGND pin for Channel 1.See Pin 19.
Pin 25, BOOT1: Boot pin of Channel 1. See Pin 18.
Pin 26, HDRV1: HDRV pin of Channel 1. See Pin 17.
Pin 27, SW1: SW pin of Channel 1. See Pin 16.
Pin 28, ILIM1: Channel 2 Current Limit pin. See Pin 15.
4
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2647


同様の部品番号 - LM2647

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2647LQ NSC-LM2647LQ Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647LQX NSC-LM2647LQX Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
LM2647MTC NSC-LM2647MTC Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
More results

同様の説明 - LM2647

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2647 NSC-LM2647 Datasheet
763Kb / 25P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2647 TI1-LM2647 Datasheet
3Mb / 43P
[Old version datasheet]   Dual Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2657 NSC-LM2657 Datasheet
959Kb / 26P
   Dual Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2657 TI-LM2657_15 Datasheet
1Mb / 36P
[Old version datasheet]   LM2657 Dual Synchronous Buck Regulator Controller
logo
ON Semiconductor
NCP5425SOEVB ONSEMI-NCP5425SOEVB Datasheet
178Kb / 22P
   Dual Synchronous Buck Controller
July, 2006 ??Rev. 9
NCP5424A ONSEMI-NCP5424A Datasheet
134Kb / 20P
   Dual Synchronous Buck Controller
August, 2003 ??Rev. 0
logo
Texas Instruments
TPS5618EVM-106 TI-TPS5618EVM-106 Datasheet
390Kb / 10P
[Old version datasheet]   SYNCHRONOUS-BUCK HYSTERETIC REGULATOR CONTROLLER
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Semtech Corporation
SC415 SEMTECH-SC415_08 Datasheet
763Kb / 30P
   Dual Synchronous Buck Controller
logo
ON Semiconductor
NCP5425 ONSEMI-NCP5425 Datasheet
155Kb / 22P
   Dual Synchronous Buck Controller
January, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com