データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3152 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3152
部品情報  LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3152 データシート(HTML) 9 Page - Texas Instruments

Back Button LM3152 Datasheet HTML 5Page - Texas Instruments LM3152 Datasheet HTML 6Page - Texas Instruments LM3152 Datasheet HTML 7Page - Texas Instruments LM3152 Datasheet HTML 8Page - Texas Instruments LM3152 Datasheet HTML 9Page - Texas Instruments LM3152 Datasheet HTML 10Page - Texas Instruments LM3152 Datasheet HTML 11Page - Texas Instruments LM3152 Datasheet HTML 12Page - Texas Instruments LM3152 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
fS =
VOUT
K x RON
D =
tON
tON + tOFF
= tON x fS
|
VOUT
VIN
tON =
K x RON
VIN
LM3151, LM3152, LM3153
www.ti.com
SNVS562G – SEPTEMBER 2008 – REVISED MARCH 2011
THEORY OF OPERATION
The LM3151/2/3 synchronous step-down SIMPLE SWITCHER Controller employs a Constant On-Time (COT)
architecture which is a derivative of the hysteretic control scheme. COT relies on a fixed switch on-time to
regulate the output. The on-time of the high-side switch is set internally by resistor RON. The LM3151/2/3
automatically adjusts the on-time inversely with the input voltage to maintain a constant frequency. Assuming an
ideal system and VIN is much greater than 1V, the following approximations can be made:
The on-time, tON:
where
K = 100 pC
RON is specified in the electrical characteristics table
Control is based on a comparator and the on-timer, with the output voltage feedback (FB) attenuated and then
compared with an internal reference of 0.6V. If the attenuated FB level is below the reference, the high-side
switch is turned on for a fixed time, tON, which is determined by the input voltage and the internal resistor, RON.
Following this on-time, the switch remains off for a minimum off-time, tOFF, as specified in the Electrical
Characteristics table or until the attenuated FB voltage is less than 0.6V. This switching cycle will continue while
maintaining regulation. During continuous conduction mode (CCM), the switching frequency depends only on
duty cycle and on-time. The duty cycle can be calculated as:
Where the switching frequency of a COT regulator is:
Typical COT hysteretic controllers need a significant amount of output capacitor ESR to maintain a minimum
amount of ripple at the FB pin in order to switch properly and maintain efficient regulation. The LM3151/2/3
however utilizes proprietary, Emulated Ripple Mode Control Scheme (ERM) that allows the use of ceramic output
capacitors without additional equivalent series resistance (ESR) compensation. Not only does this reduce the
need for output capacitor ESR, but also significantly reduces the amount of output voltage ripple seen in a typical
hysteretic control scheme. The output ripple voltage can become so low that it is comparable to voltage-mode
and current-mode control schemes.
Regulation Comparator
The output voltage is sampled through the FB pin and then divided down by two internal resistors and compared
to the internal reference voltage of 0.6V by the error comparator. In normal operation, an on-time period is
initiated when the sampled output voltage at the input of the error comparator falls below 0.6V. The high-side
switch stays on for the specified on-time, causing the sampled voltage on the error comparator input to rise
above 0.6V. After the on-time period, the high-side switch stays off for the greater of the following:
1. Minimum off time as specified in the electrical characteristics table
2. The error comparator sampled voltage falls below 0.6V
Over-Voltage Comparator
The over-voltage comparator is provided to protect the output from over-voltage conditions due to sudden input
line voltage changes or output loading changes. The over-voltage comparator continuously monitors the
attenuated FB voltage versus a 0.72V internal reference. If the voltage at FB rises above 0.72V the on-time pulse
is immediately terminated. This condition can occur if the input or the output load changes suddenly. Once the
over-voltage protection is activated, the HG and LG signals remain off until the attenuated FB voltage falls below
0.72V.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3151 LM3152 LM3153


同様の部品番号 - LM3152

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3152 NSC-LM3152 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152 TI1-LM3152 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MH-3.3 NSC-LM3152MH-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3152MH-3.3/NOPB TI1-LM3152MH-3.3/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3152MHE-3.3 NSC-LM3152MHE-3.3 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
More results

同様の説明 - LM3152

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3151 TI1-LM3151 Datasheet
1Mb / 26P
[Old version datasheet]   LM3151/LM3152/LM3153 SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3151 NSC-LM3151 Datasheet
492Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
Texas Instruments
LM3151 TI1-LM3151_14 Datasheet
1Mb / 27P
[Old version datasheet]   SIMPLE SWITCHER짰 CONTROLLER, High Input Voltage Synchronous Step-Down
logo
National Semiconductor ...
LM3150 NSC-LM3150 Datasheet
482Kb / 20P
   SIMPLE SWITCHER짰 CONTROLLER, 42V Synchronous Step-Down
LM3100 NSC-LM3100 Datasheet
1Mb / 15P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3100 NSC-LM3100_07 Datasheet
3Mb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
LM3102 NSC-LM3102 Datasheet
379Kb / 18P
   SIMPLE SWITCHER짰 Synchronous 1MHz 2.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103_14 Datasheet
1Mb / 20P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3100 TI1-LM3100_14 Datasheet
2Mb / 21P
[Old version datasheet]   SIMPLE SWITCHER짰 Synchronous 1MHz 1.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
   SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com