データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3489 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM3489
部品情報  Hysteretic PFET Buck Controller With Enable Pin
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3489 データシート(HTML) 2 Page - Texas Instruments

  LM3489_15 Datasheet HTML 1Page - Texas Instruments LM3489_15 Datasheet HTML 2Page - Texas Instruments LM3489_15 Datasheet HTML 3Page - Texas Instruments LM3489_15 Datasheet HTML 4Page - Texas Instruments LM3489_15 Datasheet HTML 5Page - Texas Instruments LM3489_15 Datasheet HTML 6Page - Texas Instruments LM3489_15 Datasheet HTML 7Page - Texas Instruments LM3489_15 Datasheet HTML 8Page - Texas Instruments LM3489_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ISENSE
GND
PGND
VIN
PGATE
ADJ
FB
EN
1
2
3
4
5
6
7
8
LM3489
LM3489-Q1
SNVS443B – MAY 2006 – REVISED FEBRUARY 2013
www.ti.com
CONNECTION DIAGRAM
Figure 1. Top View
8-Lead Plastic VSSOP-8
Package Number (DGK)
PIN DESCRIPTIONS
Pin
Name
Description
No.
1
ISENSE
The current sense input pin. This pin should be connected to the PFET drain terminal directly or through a series
resistor up to 600 ohm for 28V>Vin>35V.
2
GND
Signal ground.
3
EN
Enable pin. Connect EN pin to ground to shutdown the part or float to enable operation (Internally pulled high).
This pin can also be used to perform UVLO function.
4
FB
The feedback input. Connect the FB to a resistor voltage divider between the output and GND for an adjustable
output voltage.
5
ADJ
Current limit threshold adjustment. Connected to an internal 5.5µA current source. A resistor is connected
between this pin and VIN. The voltage across this resistor is compared with the ISENSE pin voltage to determine
if an over-current condition has occurred.
6
PGND
Power ground.
7
PGATE
Gate Drive output for the external PFET. PGATE swings between VIN and VIN-5V.
8
VIN
Power supply input pin.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM3489 LM3489-Q1


同様の部品番号 - LM3489_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
More results

同様の説明 - LM3489_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM3489 NSC-LM3489_08 Datasheet
356Kb / 16P
   Hysteretic PFET Buck Controller with Enable Pin
LM3489 NSC-LM3489 Datasheet
793Kb / 15P
   Hysteretic PFET Buck Controller with Enable Pin
logo
Texas Instruments
LM3489 TI1-LM3489_14 Datasheet
1,020Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller with Enable Pin
LM3489 TI1-LM3489 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller With Enable Pin
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com