データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5642 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM5642
部品情報  LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM5642 データシート(HTML) 11 Page - Texas Instruments

Back Button LM5642_15 Datasheet HTML 7Page - Texas Instruments LM5642_15 Datasheet HTML 8Page - Texas Instruments LM5642_15 Datasheet HTML 9Page - Texas Instruments LM5642_15 Datasheet HTML 10Page - Texas Instruments LM5642_15 Datasheet HTML 11Page - Texas Instruments LM5642_15 Datasheet HTML 12Page - Texas Instruments LM5642_15 Datasheet HTML 13Page - Texas Instruments LM5642_15 Datasheet HTML 14Page - Texas Instruments LM5642_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
5.5
8
12
16
20
24
28
32
36
VIN (V)
5.095
5.09
5.085
5.08
5.075
5.07
5.065
-40
-20
0
25
50
75
100
125
TEMPERATURE (
oC)
VIN = 5.5V
VIN = 36V
4.96
4.98
5
5.02
5.04
5.06
5.08
5.1
5.5
8
12
16
20
24
28
32
36
VIN
53.5
49.5
50.5
51.5
52.5
50
51
52
53
-40
-20
0
25
50
75
100
TEMPERATURE (
oC)
30
35
40
45
50
55
125
100Ps/DIV
Io2, 2A/DIV
Vo2, 100mV/DIV
100Ps/DIV
Io1, 2A/DIV
Vo1, 100mV/DIV
LM5642, LM5642X
www.ti.com
SNVS219K – JUNE 2003 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Ch. 2 Load Transient Response (VIN = 36V, Vo2 = 3.3V)
Ch.1 Load Transient Response (VIN = 36V, Vo1 = 1.8V)
Figure 12.
Figure 13.
Input Supply Current vs Temperature
Input Supply Current vs VIN
(Shutdown Mode VIN = 28V)
Shutdown Mode (25°C)
Figure 14.
Figure 15.
VLIN5 vs Temperature
VLIN5 vs VIN (25°C)
Figure 16.
Figure 17.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5642 LM5642X


同様の部品番号 - LM5642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
[Old version datasheet]   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
More results

同様の説明 - LM5642_15

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5642 TI-LM5642 Datasheet
1Mb / 40P
[Old version datasheet]   LM5642/LM5642X High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642 Datasheet
667Kb / 24P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
Texas Instruments
LM5642 TI1-LM5642_14 Datasheet
1Mb / 40P
[Old version datasheet]   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
National Semiconductor ...
LM5642 NSC-LM5642_07 Datasheet
784Kb / 28P
   High Voltage, Dual Synchronous Buck Converter with Oscillator Synchronization
logo
ON Semiconductor
NCP4060A ONSEMI-NCP4060A Datasheet
1Mb / 21P
   Buck Converter - High Voltage, Synchronous
August, 2019 ??Rev. 3
NCP4060 ONSEMI-NCP4060 Datasheet
1Mb / 20P
   High Voltage Synchronous Buck Converter
January, 2018 ??Rev. 3
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20333 TI1-LM20333_14 Datasheet
1Mb / 30P
[Old version datasheet]   3A Synchronous Buck Regulator with Frequency Synchronization
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
   Dual Synchronous Buck Converter
logo
Linear Technology
LTC3895EFE LINER-LTC3895EFE Datasheet
605Kb / 10P
   High Input Voltage Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com