データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25118-Q1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25118-Q1
部品情報  LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM25118-Q1 データシート(HTML) 10 Page - Texas Instruments

Back Button LM25118-Q1 Datasheet HTML 6Page - Texas Instruments LM25118-Q1 Datasheet HTML 7Page - Texas Instruments LM25118-Q1 Datasheet HTML 8Page - Texas Instruments LM25118-Q1 Datasheet HTML 9Page - Texas Instruments LM25118-Q1 Datasheet HTML 10Page - Texas Instruments LM25118-Q1 Datasheet HTML 11Page - Texas Instruments LM25118-Q1 Datasheet HTML 12Page - Texas Instruments LM25118-Q1 Datasheet HTML 13Page - Texas Instruments LM25118-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
0
1
2
3
4
5
6
7
8
OUTPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
LO Source
LO Sink
HO Sink
HO Source
10k
100k
1M
10M
FREQUENCY (Hz)
-10
50
0
10
20
30
40
-30
150
0
30
60
90
120
0
10
20
30
40
50
0
2
4
6
8
10
IVCC (mA)
0
2
4
6
8
10
12
VIN (V)
0
2
4
6
8
10
65
110
-275
-100
VOUT/VIN DC (%)
70
75
80
85
90
95 100 105
-250
-225
-200
-175
-150
-125
0
10
20
30
40
50
VIN (V)
75
80
85
90
95
100
1 AMP
2 AMP
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
xx
xx
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
xx
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
3 AMP
LM25118, LM25118-Q1
SNVS726D – JULY 2011 – REVISED AUGUST 2014
www.ti.com
7 Typical Characteristics
Figure 1. Efficiency vs VIN and IOUT VOUT = 12 V
Figure 2. Current Limit Threshold vs VOUT/VIN VOUT = 12 V
Figure 3. VCC vs VIN
Figure 4. VCC vs IVCC
Figure 5. Error Amplifier Gain/Phase
Figure 6. LO and HO Peak Gate Current vs Output Voltage
VCC = 8 V
10
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LM25118 LM25118-Q1


同様の部品番号 - LM25118-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MH TI1-LM25118MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118MHX TI1-LM25118MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MH TI1-LM25118Q1MH Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118Q1MHX TI1-LM25118Q1MHX Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
More results

同様の説明 - LM25118-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5141-Q1 TI-LM5141-Q1_V01 Datasheet
2Mb / 49P
[Old version datasheet]   LM5141-Q1 Wide Input Range Synchronous Buck Controller
LM5088QMH-1 TI-LM5088QMH-1 Datasheet
1Mb / 36P
[Old version datasheet]   LM5088, LM5088-Q1 Wide Input Range Non-Synchronous Buck Controller
LM25088 TI-LM25088_15 Datasheet
1Mb / 39P
[Old version datasheet]   LM25088, LM25088-Q1 Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com