データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM27402 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM27402
部品情報  LM27402 High-Performance Synchronous Buck Controller With DCR Current Sensing
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM27402 データシート(HTML) 2 Page - Texas Instruments

  LM27402_15 Datasheet HTML 1Page - Texas Instruments LM27402_15 Datasheet HTML 2Page - Texas Instruments LM27402_15 Datasheet HTML 3Page - Texas Instruments LM27402_15 Datasheet HTML 4Page - Texas Instruments LM27402_15 Datasheet HTML 5Page - Texas Instruments LM27402_15 Datasheet HTML 6Page - Texas Instruments LM27402_15 Datasheet HTML 7Page - Texas Instruments LM27402_15 Datasheet HTML 8Page - Texas Instruments LM27402_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
LM27402
SNVS615J – JANUARY 2010 – REVISED JULY 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 13
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 18
3
Description ............................................................. 1
8.1
Application Information............................................ 18
4
Revision History..................................................... 2
8.2
Typical Applications ............................................... 32
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 36
6
Specifications......................................................... 4
10
Layout................................................................... 36
6.1
Absolute Maximum Ratings ..................................... 4
10.1
Layout Guidelines ................................................. 36
6.2
ESD Ratings.............................................................. 4
10.2
Layout Example .................................................... 39
6.3
Recommended Operating Conditions ...................... 5
11
Device and Documentation Support ................. 40
6.4
Thermal Information .................................................. 5
11.1
Device Support...................................................... 40
6.5
Electrical Characteristics........................................... 5
11.2
Documentation Support ........................................ 40
6.6
Timing Requirements ................................................ 7
11.3
Community Resources.......................................... 40
6.7
Switching Characteristics .......................................... 7
11.4
Trademarks ........................................................... 40
6.8
Typical Performance Characteristics ........................ 8
11.5
Electrostatic Discharge Caution ............................ 40
7
Detailed Description ............................................ 12
11.6
Glossary ................................................................ 40
7.1
Overview ................................................................. 12
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 12
Information ........................................................... 40
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (March 2013) to Revision J
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................ 1
Changes from Revision H (March 2013) to Revision I
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 35
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM27402


同様の部品番号 - LM27402_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
More results

同様の説明 - LM27402_15

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866_15 Datasheet
527Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
logo
Analog Devices
LTC7878 AD-LTC7878 Datasheet
1Mb / 28P
   70V Parallelable 4-Switch Buck-Boost Controller with Inductor DCR Current Sensing
Rev. 0
logo
Linear Technology
LTC3774 LINER-LTC3774_15 Datasheet
408Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
LTC3774 LINER-LTC3774 Datasheet
421Kb / 38P
   Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Micro Linear Corporatio...
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com