データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3470BB データシート(PDF) 7 Page - Nippon Precision Circuits Inc

部品番号 SM3470BB
部品情報  Interpolation Encoder IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3470BB データシート(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM3470BB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3470BB Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SM3470BB
SEIKO NPC CORPORATION - 7
FUNCTIONAL DESCRIPTION
Adjustment Circuit
The adjustment circuit block accepts displacement detection 2-phase analog signals from the encoder (A-phase and B-phase) and the
zero-point detection analog signal (Z-phase) and perform offset adjustment.
The offset adjustment is set according to register data. For details, see “AnalogAdjustment BitAssignment.”
In the offset adjustment sequence, first adjust the internal reference voltage (VDD/2) offsets (FA, FB, FZ) for the inverting output amplifier
(monitoring IO1, IO2, IO3), then adjust the offsets (FAN, FBN, FZN) for the non-inverting output amplifier (monitoring DA, DB, DZ).
If the A/B/Z-phase inputs are used as single-ended inputs, the AN, BN, and ZN inputs can be set to VDD/2 level according to the operating
mode.
Offset adjustment example (VDD=5.0V)
AMP
AMP
A(cos)
AN(-cos)
Offset
adjustment
data
FA[7:0]
FAN[4:0]
AMP
AMP
B(sin)
BN(-sin)
FB[7:0]
FBN[4:0]
AMP
AMP
Z
ZN
FZ[5:0]
FZN[2:0]
ANsig(-cos)
Asig(cos)
BNsig(-sin)
Bsig(sin)
ZNsig
Zsig
×(-1)
×(-1)
×(-1)
Offset
adjustment
data
Offset
adjustment
data
Offset
adjustment
data
Offset
adjustment
data
Offset
adjustment
data
1800
2000
2200
2400
2600
2800
3000
3200
0
32
64
96
128 160 192 224 256
Offset voltage adjustment data FA,(FB)
A(B)phase inverting out put
1800
2000
2200
2400
2600
2800
3000
3200
0
8
16
24
32
40
48
56
64
Offset voltage adjustment data FZ
Z phase inverting output
2450
2460
2470
2480
2490
2500
2510
2520
2530
2540
2550
0
4
8
12
1620
242832
Offset voltage adjustment data FAN,FBN
A(B)phase non-inverting output
2470
2475
2480
2485
2490
2495
2500
2505
2510
2515
2520
2525
01
23
45
67
8
Offset voltage adjustment data FZN
Z phase non-inverting output


同様の部品番号 - SM3470BB

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM3471AB NPC-SM3471AB Datasheet
330Kb / 9P
   Input frequency - 300kHz - max
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
More results

同様の説明 - SM3470BB

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM3473A NPC-SM3473A Datasheet
411Kb / 10P
   Interpolation IC for MR Sensors
logo
IC-Haus GmbH
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
logo
List of Unclassifed Man...
EDE1144 ETC-EDE1144 Datasheet
63Kb / 7P
   Keypad Encoder IC
logo
Princeton Technology Co...
PT2241 PTC-PT2241_06 Datasheet
357Kb / 22P
   Programmable Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com