データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3600AP データシート(PDF) 9 Page - Nippon Precision Circuits Inc

部品番号 SM3600AP
部品情報  Magnetic Sensor Module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM3600AP データシート(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM3600AP Datasheet HTML 3Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 4Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 5Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 6Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 7Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 8Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 9Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 10Page - Nippon Precision Circuits Inc SM3600AP Datasheet HTML 11Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SM3600AP
SEIKO NPC CORPORATION - 9
TYPICAL CHARACTERISTICS
VDD = 5.0V, Ta = 25°C unless otherwise noted
Current consumption (operating mode)
Magnetic sensitivity temperature characteristic
Current consumption vs. supply voltage
Magnetic sensitivity vs. temperature
Magnetic detection width
Spatial resolution
Magnetic detection width vs. gap
Spatial resolution vs. gap
Output amplitude characteristic
Output amplitude vs. gap
(pattern width: 1.0mm)
0
1
2
3
4
5
6
7
44.5
5
5.5
6
VDD [V]
0
1
2
3
4
5
6
7
8
-50
-25
0
255075
100
Ta [°C]
sample 1
sample 2
sample 3
0
1
2
3
4
5
00.5
1
Gap [mm]
0
1
2
3
00.5
1
Gap [mm]
0
1
2
3
4
5
00.511.5
Gap [mm]
sample 1
sample 2
sample 3


同様の部品番号 - SM3600AP

メーカー部品番号データシート部品情報
logo
Dc Components
SM360 DCCOM-SM360 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
DB Unlimited.
SM360132-1 DBUNLIMITED-SM360132-1 Datasheet
756Kb / 1P
   Released from Engineering
SM3604100-1 DBUNLIMITED-SM3604100-1 Datasheet
337Kb / 1P
   Update Storage / Op Temps
SM360416-1 DBUNLIMITED-SM360416-1 Datasheet
796Kb / 1P
   Released from Engineering
SM360416-2 DBUNLIMITED-SM360416-2 Datasheet
773Kb / 1P
   Released from Engineering
More results

同様の説明 - SM3600AP

メーカー部品番号データシート部品情報
logo
celduc-relais
PCC12320 CELDUC-PCC12320 Datasheet
546Kb / 2P
   Magnetic sensor
logo
NXP Semiconductors
KMZ49 NXP-KMZ49 Datasheet
134Kb / 13P
   Magnetic field sensor
Rev. 1-31 October 2011
KMZ10C PHILIPS-KMZ10C Datasheet
69Kb / 8P
   Magnetic field sensor
1998 Mar 24
KMZ11B1 PHILIPS-KMZ11B1 Datasheet
64Kb / 8P
   Magnetic field sensor
1996 Dec 11
KMZ41 PHILIPS-KMZ41 Datasheet
60Kb / 12P
   Magnetic field sensor
2000 Apr 18
logo
celduc-relais
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
   MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com