データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

SM5307A データシート(PDF) 7 Page - Nippon Precision Circuits Inc

部品番号. SM5307A
部品情報  3-channel Video Buffer
ダウンロード  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo 

SM5307A Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SM5307A
SEIKO NPC CORPORATION —7
Analog output characteristics
VCC = 5.0V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RL = 75Ω, DISABLE = “L”, unless otherwise noted.
Test level
The definition of “Test Level” shown in the electrical characteristic table is as follows.
I : 100% of products tested at Ta = + 25
°C.
II : Guaranteed as result of design and characteristics evaluation.
Evaluation circuit diagram
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Output gain
AV
5.5
6.0
6.5
dB
I
Channel-to-channel gain error
dAV
Gain error between OUT1, OUT2 and
OUT3
––
± 0.2
dB
I
Output distortion
THD
VIN = 1.4Vp-p
0.2
1.0
%
I
Channel-to-channel crosstalk
XTLK1
fin = 1MHz, VIN = 0.5Vp-p, between
any two channels
–60
dB
II
Input multiplexer crosstalk
XTLK2
fin = 1MHz, VIN = 0.5Vp-p, between
INnA and INnB
–72
dB
II
S/N ratio
SNR
Up to 30MHz
70
dB
II
Drive load resistance
RL
1 load = 150
2
load
I
Note. This is the electrical characteristics evaluation circuit only, then it is not a recommended application circuit.
GND
100
µF
FC1
IN1A
IN1B
VCC
NC
IN2A
DISABLE
IN3B
IN3A
GND
NC
IN2B
OUT2
VCC
OUT1
NC
GND
NC
FC2
OUT3
NC
VCC
MUXSEL
OUT1
OUT2
OUT3
IN3B
1.0
µF
+
1.0
µF
+
1.0
µF
+
1.0
µF
+
1.0
µF
+
1.0
µF
+
1.0
µF
IN2B
IN1B
IN3A
IN2A
IN1A
1.0
µF
+
100
µF
1.0
µF
+
100
µF
+
100
µF
L: BLM21AG102SN1D (TDK)


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn