データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5307A データシート(PDF) 10 Page - Nippon Precision Circuits Inc

部品番号 SM5307A
部品情報  3-channel Video Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5307A データシート(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5307A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5307A Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SM5307A
SEIKO NPC CORPORATION —10
TYPICAL CHARACTERISTICS
VCC = 5.0V, Ta = 25°C, VIN = 1.0Vp-p, RL = 75Ω, unless otherwise noted.
Figure 1. Gain vs. Frequency characteristics
(CH-1)
0.1
1
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
SD1
Bypass
SD2
HD
6
12
10
Frequency [MHz]
100
1000
Figure 2. Gain vs. Frequency characteristics
(CH-2, CH-3)
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
0.1
1
10
Frequency [MHz]
100
1000
SD1
Bypass
SD2
HD
Figure 3. Gain and Group delay vs. Frequency
characteristics (CH-1, SD1 mode)
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
0
10
20
30
40
50
60
70
80
90
100
110
120
05
10
Frequency [MHz]
15
20
25
Group delay
Gain
Figure 4. Gain and Group delay vs. Frequency
characteristics (CH-2, CH-3, SD1 mode)
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
05
10
Frequency [MHz]
15
20
25
0
10
20
30
40
50
60
70
80
90
100
110
120
Group delay
Gain
Figure 5. Gain and Group delay vs. Frequency
characteristics (CH-1, SD2 mode)
010
20
Frequency [MHz]
30
40
50
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
0
10
20
30
40
50
60
70
80
90
100
110
120
Group delay
Gain
Figure 6. Gain and Group delay vs. Frequency
characteristics (CH-2, CH-3, SD2 mode)
010
20
Frequency [MHz]
30
40
50
−60
−54
−48
−42
−36
−30
−24
−18
−12
−6
0
6
12
0
10
20
30
40
50
60
70
80
90
100
110
120
Group delay
Gain


同様の部品番号 - SM5307A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
   3-channel Video Buffer
More results

同様の説明 - SM5307A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
   3-channel Video Buffer
SM5306A NPC-SM5306A Datasheet
176Kb / 8P
   Low Voltage, 3-channel Video Buffer
logo
3PEAK INC.
TPF153 3PEAK-TPF153 Datasheet
964Kb / 10P
   Low Power, 3-channel 6dB gain Video buffer for HD-Video
logo
Nippon Precision Circui...
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
Mitsubishi Electric Sem...
M52732SP MITSUBISHI-M52732SP Datasheet
78Kb / 11P
   3-CHANNEL VIDEO AMPLIFICATION
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com