データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5309A データシート(PDF) 1 Page - Nippon Precision Circuits Inc

部品番号 SM5309A
部品情報  3-channel Video Buffer with Built-in wideband LPF
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5309A データシート(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5309A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5309A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
SM5309A
SEIKO NPC CORPORATION —1
3-channel Video Buffer with Built-in wideband LPF
OVERVIEW
The SM5309A is a 3-channel video buffer with built-in 5th-order lowpass filters. The lowpass filter cutoff fre-
quency range can adjust from 4MHz to 40MHz*1 by 256 steps. The lowpass filter supports 480i to 1080i for-
mat, video signal equipment analog input/outputs. For video input systems, the device functions as a next-stage
ADC system anti-aliasing filter. For video output systems, the filter reduces video DAC aliasing and external
noise and can drive up to 300
Ω load resistance. The cutoff frequency and signal input type can be controlled
using an I2C-BUS*2, and the I2C slave address can be set by ADS (3-state input) to allow up to three SM5309A
on the same bus.
*1. When the resistor connected to ISET (RISET) is 1.8kΩ.
*2. I2C-BUS is a registered trademark of NXP B.V.
FEATURES
I
Supply voltages
• Analog: 4.75 to 5.25V
•I2C-BUS interface: 3.0 to 5.5V
I
Lowpass filter with adjustable cutoff frequency
(256 steps)
• Cutoff frequency range: 4MHz to 40MHz
(RISET = 1.8kΩ)
I
Filter bypass mode function for display specifica-
tions up to SXGA resolution
• Passband: 80MHz (typ)
I
Half fc mode switch function (CH-2, CH-3) suit-
able for component signals
I
2-system input multiplexer function
(switchable using I2C-BUS or MUXSEL input)
I
Video input pins can be independently set to sync-
tip clamp/bias/direct inputs
I
Up to 300
Ω load resistance drive capability
I
Output gain: 0dB
I
Power-down function
≤ 1mA current consumption when power-down
I
I2C-BUS interface control
• Slave address: 90h, 92h, or 94h
(up to three devices can be used simultaneously,
selected by ADS input)
• Data transfer rate: Fast mode (up to 400kbit/s)
I
Operating ambient temperature range: 0 to 70
°C
I
Package: 24-pin VSOP
APPLICATIONS
I
HDTVs
I
LCD TVs
I
PDPs
I
Projectors
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM5309AV
24-pin VSOP
1
24
IN1A
IN1B
GND
ISET
NC
IN2A
IN2B
VCC
IN3A
IN3B
MUXSEL
SCL
SDA
VDD
GND
OUT3
VCC
OUT2
GND
OUT1
VCC
REF2
REF1
ADS
13
12
0 to 10
7.9 ± 0.2
0.65
0.22
− 0.05
+ 0.1
0.12 M
0.10
0.15
− 0.05
+ 0.1


同様の部品番号 - SM5309A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
More results

同様の説明 - SM5309A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
   Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com