データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8172A データシート(PDF) 2 Page - Nippon Precision Circuits Inc

部品番号 SM8172A
部品情報  2-output Power Supply IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8172A データシート(HTML) 2 Page - Nippon Precision Circuits Inc

  SM8172A Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8172A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SM8172A
SEIKO NPC CORPORATION —2
6. PINOUT
(Top view)
7. PIN DESCRIPTION
8. BLOCK DIAGRAM
Number
Name
I/O
Function
1
VIN2
Supply voltage (series regulator, internal circuits)*1
*1. VIN1 and VIN2 should have the same voltage potential.
2
LDOUT
O
Series regulator output*2
*2. When the series regulator is not used, LDOUT pin should be open and not be connected to GND.
3
GND
Ground (internal circuits)
4
ENDCO
Ip*3
*3. Ip = Input with pull-down resistor built-in
Output enable (DC/DC converter)
5
ENLDO
Ip*3
Output enable (series regulator)
6
PGND
Ground (DC/DC converter output circuit)
7
LX
O
DC/DC converter coil drive*4
*4. When the DC/DC converter is not used, LX pin should be open and not be connected to GND or the supply.
8
VIN1
Supply voltage (DC/DC converter output circuit)*1
9
FB
I
DC/DC converter feedback connection*5
*5. When the DC/DC converter is not used, FB pin should be connected to GND.
10
RESETN
O
Reset signal output (active-LOW, open-drain output)*6
*6. When the reset signal is not used, RESETN pin should be connected to GND.
10
9
8
7
6
1
2
3
4
5
VIN2
LDOUT
GND
ENDCO
ENLDO
RESETN
FB
VIN1
LX
PGND
VIN2
RESETN
Delay
circuits
Current
protection
ENDCO
GND
VIN2
detector
Soft
start
Vref
+
ERR
LDOUT
Thermal
protection
OSC
Soft
start
Current
protection
ERR
+
FB
Current mode
PWM control
Output
control
VIN1
LX
PGND
RESETN output
LDOUT output
(3.3V)
3.3
µF
5.0V
10
µF
2.2
µH
10k
4.7
µF
DCOUT
(1.0V)
10
µF
5.0V
ENLDO
8pF
220k
330k


同様の部品番号 - SM8172A

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM8100B SECOS-SM8100B Datasheet
241Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM8100C SECOS-SM8100C Datasheet
131Kb / 2P
   8.0 AMP Surface Mount Schottky Barrier Rectifiers
SM8100D SECOS-SM8100D Datasheet
279Kb / 2P
   8.0AMP Surface Mount S chottky Barrier Rec tifiers
logo
Goodwork Semiconductor ...
SM8100LBF GWSEMI-SM8100LBF Datasheet
47Kb / 2P
   8.0 AMP LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ANYSOLAR LTD.
SM811K04L ANYSOLAR-SM811K04L Datasheet
609Kb / 6P
   High Efficiency SolarMD.
Rev. Jan. 2021
More results

同様の説明 - SM8172A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
Sanyo Semicon Device
LV59001M SANYO-LV59001M Datasheet
350Kb / 7P
   Output voltage changeable type Power Supply IC
logo
Renesas Technology Corp
M62015L RENESAS-M62015L Datasheet
87Kb / 6P
   Low Power 2 Output System Reset IC
logo
ON Semiconductor
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
   POWER SUPPLY CONTROL IC
logo
Renesas Technology Corp
M62001L RENESAS-M62001L Datasheet
118Kb / 10P
   Low Power 2 Output System Reset IC Series
logo
Texas Instruments
TWL2203 TI-TWL2203 Datasheet
215Kb / 16P
[Old version datasheet]   POWER SUPPLY MANAGEMENT IC
logo
Mitsubishi Electric Sem...
M62001L MITSUBISHI-M62001L Datasheet
87Kb / 6P
   LOW POWER 2 OUTPUT SYSTEM RESET IC SERIES
logo
ATMEL Corporation
ATA6264 ATMEL-ATA6264 Datasheet
1Mb / 83P
   Airbag Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com