データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA18362T データシート(PDF) 1 Page - NXP Semiconductors

部品番号 TEA18362T
部品情報  GreenChip SMPS control IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA18362T データシート(HTML) 1 Page - NXP Semiconductors

  TEA18362T Datasheet HTML 1Page - NXP Semiconductors TEA18362T Datasheet HTML 2Page - NXP Semiconductors TEA18362T Datasheet HTML 3Page - NXP Semiconductors TEA18362T Datasheet HTML 4Page - NXP Semiconductors TEA18362T Datasheet HTML 5Page - NXP Semiconductors TEA18362T Datasheet HTML 6Page - NXP Semiconductors TEA18362T Datasheet HTML 7Page - NXP Semiconductors TEA18362T Datasheet HTML 8Page - NXP Semiconductors TEA18362T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The TEA18362T is a controller IC for low-cost Switched Mode Power Supplies (SMPS). It
is intended for flyback topologies. The built-in green functions provide high efficiency at all
power levels.
At high power levels the flyback operates in Quasi-Resonant (QR) mode. At lower power
levels, the controller switches to Frequency Reduction (FR) or Discontinuous Conduction
Mode (DCM) and limits the peak current to approximately 25 % of the maximum peak
current. Valley switching is used in all operating modes.
At low power levels, when the flyback switching frequency drops below 25 kHz, the
flyback converter switches to burst mode. A special burst mode has been integrated
which reduces the opto current to a minimum level, ensuring high efficiency at low power
and excellent no load power performance. As the switching frequency in this mode has a
minimum value of 25 kHz while the burst frequency is below 800 Hz, the frequencies are
outside the audible range. During the non-switching phase of the burst mode, the internal
IC supply current is minimized for further efficiency optimization.
The TEA18362T includes an accurate OverPower Protection (OPP). The OPP enables
the controller to operate in overpower situations for a limited amount of time. If the output
is shorted, the system switches to low-power mode where the output power is limited to a
lower level.
The TEA18362T is manufactured in a high-voltage Silicon-On-Insulator (SOI) process.
The SOI process combines the advantages of a low-voltage process (accuracy,
high-speed protection, functions, and control), while maintaining the high-voltage
capabilities (high-voltage start-up, low standby power, and an integrated X-capacitor
discharge function).
The TEA18362T enables low-cost, highly efficient and reliable supplies for power
requirements up to 75 W to be designed with a minimum number of external components.
All values mentioned in this data sheet are typical values, unless otherwise specified.
TEA18362T
GreenChip SMPS control IC
Rev. 2 — 12 December 2013
Product data sheet


同様の部品番号 - TEA18362T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA18362LT PHILIPS-TEA18362LT Datasheet
268Kb / 29P
   GreenChip SMPS control IC
Rev. 2-12 December 2013
More results

同様の説明 - TEA18362T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
TEA1833TS PHILIPS-TEA1833TS Datasheet
258Kb / 25P
   GreenChip SMPS control IC
Rev. 1-31 August 2015
TEA1733LT NXP-TEA1733LT Datasheet
149Kb / 21P
   GreenChip SMPS control IC
Rev. 8 ??16 July 2013
TEA1738T NXP-TEA1738T_V01 Datasheet
218Kb / 21P
   GreenChip SMPS control IC
Rev. 2-14 January 2011
TEA1833TS NXP-TEA1833TS_V01 Datasheet
335Kb / 24P
   GreenChip SMPS control IC
Rev. 1.1 - 8 February 2023
TEA18363T NXP-TEA18363T_V01 Datasheet
356Kb / 28P
   GreenChip SMPS control IC
Rev. 1 - 6 March 2023
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com