データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TEA1795T データシート(PDF) 4 Page - NXP Semiconductors

部品番号 TEA1795T
部品情報  GreenChip synchronous rectifier controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1795T データシート(HTML) 4 Page - NXP Semiconductors

  TEA1795T Datasheet HTML 1Page - NXP Semiconductors TEA1795T Datasheet HTML 2Page - NXP Semiconductors TEA1795T Datasheet HTML 3Page - NXP Semiconductors TEA1795T Datasheet HTML 4Page - NXP Semiconductors TEA1795T Datasheet HTML 5Page - NXP Semiconductors TEA1795T Datasheet HTML 6Page - NXP Semiconductors TEA1795T Datasheet HTML 7Page - NXP Semiconductors TEA1795T Datasheet HTML 8Page - NXP Semiconductors TEA1795T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TEA1795T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 4 November 2010
4 of 14
NXP Semiconductors
TEA1795T
GreenChip synchronous rectifier controller
7.2 Start-up and UnderVoltage LockOut (UVLO)
The IC leaves the UVLO state and activates the synchronous rectifier circuitry when the
voltage on the VCC pin is above Vstartup (8.5 V typical). When the voltage drops below
8.0 V (typical), the UVLO state is reentered and the SR MOSFET gate driver outputs are
actively kept low.
7.3 Supply management
All (internal) reference voltages are derived from a temperature compensated, on-chip
band gap circuit.
7.4 Synchronous rectification (DSA, SSA, DSB and SSB pins)
The voltages present between the drain and source terminals of the SR MOSFETs are
used to derive the timing for the gate drive signal. The IC senses the voltage difference
between the drain sense (pins DSA and DSB) and the source sense (pins SSA and SSB)
connections. When this voltage difference is lower than Vact(drv) (−220 mV typical), the
corresponding gate driver output voltage is driven high and the external SR MOSFET is
switched on.
When the external SR MOSFET is switched on, the input signals on the drain sense pins
and source sense pins are ignored during the minimum synchronous rectification active
time (tact(sr)(min), 520 ns typical). This minimizes false switch-off due to the sensing of high
frequency ringing signals at the start of the conduction phase.
Once this minimum synchronous rectification active time has ended, the IC monitors the
difference between the drain sense inputs and the source sense inputs. When the
difference is higher than Vreg(drv) (−25 mV typical), the gate driver output voltage is
regulated to maintain this
−25 mV difference between the drain sense pins and the source
sense pins. As a result, the SR MOSFET can be switched off quickly when the current
through the external SR MOSFET reaches zero.
Fig 3.
TEA1795T: typical configuration
001aal797
DSA
GDA
SSA
DSB
VCC
GDB
SSB
GND
Qprim1
CHB
RDRNSENSE1
Qprim2
Qsec1
PRIMARY
SIDE
CONTROLLER
TEA1795T
Vin
Vout
TR
IC1
RDRNSENSE2
Qsec2
Cout


同様の部品番号 - TEA1795T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1791AT PHILIPS-TEA1791AT Datasheet
262Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 01-7 June 2010
TEA1791T NXP-TEA1791T Datasheet
71Kb / 11P
   GreenChip synchronous rectifier controller
Rev. 01-3 February 2009
TEA1791T NXP-TEA1791T Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
TEA1791T/N1 NXP-TEA1791T/N1 Datasheet
71Kb / 11P
   GreenChip synchronous rectifier controller
Rev. 01-3 February 2009
TEA1791T/N1 NXP-TEA1791T/N1 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results

同様の説明 - TEA1795T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1998TS NXP-TEA1998TS Datasheet
230Kb / 18P
   GreenChip synchronous rectifier controller
Rev. 1-16 February 2017
TEA2093TS NXP-TEA2093TS Datasheet
273Kb / 19P
   GreenChip synchronous rectifier controller
Rev. 1 ??7 June 2022
TEA1892ATS PHILIPS-TEA1892ATS Datasheet
138Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 April 2014
TEA1762T PHILIPS-TEA1762T Datasheet
81Kb / 15P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1792AT NXP-TEA1792AT Datasheet
330Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1999TK NXP-TEA1999TK Datasheet
255Kb / 21P
   GreenChip synchronous rectifier controller
Rev. 2-3 November 2017
TEA1993TS NXP-TEA1993TS Datasheet
207Kb / 20P
   GreenChip synchronous rectifier controller
Rev.1.1-14 September 2016
TEA1791T NXP-TEA1791T_V01 Datasheet
257Kb / 12P
   GreenChip synchronous rectifier controller
Rev. 02-7 June 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com